Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3002 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # H8/3002
Description  High-performance single-chip microcontroller
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 15Page - Renesas Technology Corp H8/3002 Datasheet HTML 16Page - Renesas Technology Corp H8/3002 Datasheet HTML 17Page - Renesas Technology Corp H8/3002 Datasheet HTML 18Page - Renesas Technology Corp H8/3002 Datasheet HTML 19Page - Renesas Technology Corp H8/3002 Datasheet HTML 20Page - Renesas Technology Corp H8/3002 Datasheet HTML 21Page - Renesas Technology Corp H8/3002 Datasheet HTML 22Page - Renesas Technology Corp H8/3002 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 700 page
background image
Table 1-1 Features (cont)
Feature
Description
Operating modes Four MCU operating modes
Address
Address
Initial Bus Max. Bus
Mode
Space
Pins
Width
Width
Mode 1
1 Mbyte
A0 to A19
8 bits
16 bits
Mode 2
1 Mbyte
A0 to A19
16 bits
16 bits
Mode 3
16 Mbyte
A0 to A23
8 bits
16 bits
Mode 4
16 Mbyte
A0 to A23
16 bits
16 bits
• Sleep mode
• Software standby mode
• Hardware standby mode
Other features
• On-chip clock oscillator
Product lineup
Model
Package
Power Supply Voltage
HD6413002F
5 V ±10%
HD6413002VF
2.7 V to 5.5 V
HD6413002TF
5 V ±10%
HD6413002VTF
2.7 V to 5.5 V
HD6413002FP
5 V ±10%
HD6413002VFP
2.7 V to 5.5 V
Power-down
state
4
100-pin QFP
(FP-100B)
100-pin TQFP
(TFP-100B)
100-pin QFP
(FP-100A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com