Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3002 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # H8/3002
Description  High-performance single-chip microcontroller
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 25Page - Renesas Technology Corp H8/3002 Datasheet HTML 26Page - Renesas Technology Corp H8/3002 Datasheet HTML 27Page - Renesas Technology Corp H8/3002 Datasheet HTML 28Page - Renesas Technology Corp H8/3002 Datasheet HTML 29Page - Renesas Technology Corp H8/3002 Datasheet HTML 30Page - Renesas Technology Corp H8/3002 Datasheet HTML 31Page - Renesas Technology Corp H8/3002 Datasheet HTML 32Page - Renesas Technology Corp H8/3002 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 700 page
background image
Table 1-3 Pin Functions (cont)
Pin No.
FP-100B,
Type
Symbol
TFP-100B
FP-100A
I/O
Name and Function
Refresh
RFSH
87
89
Output
Refresh: Indicates a refresh cycle
controller
CS3
88
90
Output
Row address strobe
RAS: Row address
strobe signal for DRAM connected to area 3
RD
70
72
Output
Column address strobe
CAS: Column
address strobe signal for DRAM connected
to area 3; used with 2
WE DRAM.
Write enable: Write enable signal for DRAM
connected to area 3; used with 2
CAS DRAM.
HWR
71
73
Output
Upper write: Write enable signal for DRAM
connected to area 3; used with 2
WE DRAM.
Upper column address strobe: Column
address strobe signal for DRAM connected
to area 3; used with 2
CAS DRAM.
LWR
72
74
Output
Lower write: Write enable signal for DRAM
connected to area 3; used with 2
WE DRAM.
Lower column address strobe: Column
address strobe signal for DRAM connected
to area 3; used with 2
CAS DRAM.
DREQ1,
9, 8
11, 10
Input
DMA request 1 and 0: DMAC activation
DREQ0
requests
TEND1,
94, 93
96, 95
Output
Transfer end 1 and 0: These signals indicate
TEND0
that the DMAC has ended a data transfer
TCLKD to
96 to 93
98 to 95
Input
Clock input D to A: External clock inputs
TCLKA
TIOCA4 to
4, 2, 99,
6, 4, 1,
Input/
Input capture/output compare A4 to A0:
TIOCA0
97, 95
99, 97
output
GRA4 to GRA0 output compare or input
capture, or PWM output
TIOCB4 to
5, 3, 100,
7, 5, 2,
Input/
Input capture/output compare B4 to B0:
TIOCB0
98, 96
100, 98
output
GRB4 to GRB0 output compare or input
capture, or PWM output
TOCXA4
6
8
Output
Output compare XA4: PWM output
TOCXB4
7
9
Output
Output compare XB4: PWM output
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com