Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3002 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # H8/3002
Description  High-performance single-chip microcontroller
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 17Page - Renesas Technology Corp H8/3002 Datasheet HTML 18Page - Renesas Technology Corp H8/3002 Datasheet HTML 19Page - Renesas Technology Corp H8/3002 Datasheet HTML 20Page - Renesas Technology Corp H8/3002 Datasheet HTML 21Page - Renesas Technology Corp H8/3002 Datasheet HTML 22Page - Renesas Technology Corp H8/3002 Datasheet HTML 23Page - Renesas Technology Corp H8/3002 Datasheet HTML 24Page - Renesas Technology Corp H8/3002 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 700 page
background image
1.3 Pin Description
1.3.1 Pin Arrangement
Figure 1-2 shows the pin arrangement of the H8/3002’s FP-100B, TFP-100B package.
Figure 1-2 Pin Arrangement (FP-100B, TFP-100B, Top View)
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
AV
CC
V
REF
AN
0/P70
AN
1/P71
AN
2/P72
AN
3/P73
AN
4/P74
AN
5/P75
AN
6/P76
AN
7/P77
AV
SS
IRQ
0/RFSH/P80
IRQ
1/CS3/P81
IRQ
2/CS2/P82
IRQ
3/CS1/P83
CS
0/P84
V
SS
TCLKA/TEND
0/TP0/PA0
TCLKB/TEND
1/TP1/PA1
TCLKC/TIOCA
0/TP2/PA2
TCLKD/TIOCB
0/TP3/PA3
A
23/TIOCA1/TP4/PA4
A
22/TIOCB1/TP5/PA5
A
21/TIOCA2/TP6/PA6
A
20/TIOCB2/TP7/PA7
Top view
(FP-100B, TFP-100B)
A
13
A
12
A
11
A
10
A
9
A
8
V
SS
A
7
A
6
A
5
A
4
A
3
A
2
A
1
A
0
V
CC
D
15
D
14
D
13
D
12
D
11
D
10
D
9
D
8
P4
7/D7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com