Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3002 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # H8/3002
Description  High-performance single-chip microcontroller
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 26Page - Renesas Technology Corp H8/3002 Datasheet HTML 27Page - Renesas Technology Corp H8/3002 Datasheet HTML 28Page - Renesas Technology Corp H8/3002 Datasheet HTML 29Page - Renesas Technology Corp H8/3002 Datasheet HTML 30Page - Renesas Technology Corp H8/3002 Datasheet HTML 31Page - Renesas Technology Corp H8/3002 Datasheet HTML 32Page - Renesas Technology Corp H8/3002 Datasheet HTML 33Page - Renesas Technology Corp H8/3002 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 700 page
background image
Table 1-3 Pin Functions (cont)
Pin No.
FP-100B,
Type
Symbol
TFP-100B
FP-100A
I/O
Name and Function
Programmable
TP15 to
9 to 2,
11 to 4
Output
TPC output 15 to 0: Pulse output
timing pattern
TP0
100 to 93
2 to 95
controller (TPC)
Serial com-
TxD1,
13, 12
15, 14
Output
Transmit data (channels 0 and 1): SCI data
munication
TxD0
output
interface (SCI)
RxD1,
15, 14
17, 16
Input
Receive data (channels 0 and 1): SCI data
RxD0
input
SCK1,
17, 16
19, 18
Input/
Serial clock (channels 0 and 1): SCI clock
SCK0
output
input/output
A/D
AN7 to AN0 85 to 78
45 to 38
Input
Analog 7 to 0: Analog input pins
converter
ADTRG
9
11
Input
A/D trigger: External trigger input for starting
A/D conversion
AVCC
76
78
Input
Power supply pin for the A/D converter.
Connect to the system power supply when
not using the A/D converter.
AVSS
86
88
Input
Ground pin for the A/D converter. Connect to
system ground (0 V).
VREF
77
79
Input
Reference voltage input pin for the A/D
converter. Connect to the system power
supply when not using the A/D converter.
I/O ports
P47 to P40 26 to 23,
28 to 25
Input/
Port 4: Eight input/output pins. The
21 to 18
23 to 20
output
direction of each pin can be selected in the
port 4 data direction register (P4DDR).
P62 to P60 60 to 58
62 to 60
Input/
Port 6: Three input/output pins. The direction
output
of each pin can be selected in the port 6 data
direction register (P6DDR).
P77 to P70 85 to 78
87 to 80
Input
Port 7: Eight input pins
P84 to P80 91 to 87
93 to 89
Input/
Port 8: Five input/output pins. The direction
output
of each pin can be selected in the port 8 data
direction register (P8DDR).
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com