Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS-AJS Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MS-AJS
Description  Universal Sensor Mounting Stand
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MS-AJS Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MS-AJS Datasheet HTML 1Page - Panasonic Semiconductor MS-AJS Datasheet HTML 2Page - Panasonic Semiconductor MS-AJS Datasheet HTML 3Page - Panasonic Semiconductor MS-AJS Datasheet HTML 4Page - Panasonic Semiconductor MS-AJS Datasheet HTML 5Page - Panasonic Semiconductor MS-AJS Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Universal Sensor Mounting Stand
MS-AJ SERIES
954
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Sensor
Mounting
Stand
Sensor
Checker
Sensor
Controller
Other
Products
MS-AJ
MS-AJ1-M / MS-AJ2-M (assembly
for reflector) include parts enclosed
by the dotted line in place of
sensor mounting bracket.
(e.g.)
RF-230
(e.g.)
CX-400 series
The
MS-AJ2 has a different
base.
(
MS-AJ2B)
(
MS-AJ1B)
Note: The cable guide ( 6 in the figure) is not included in the assembly for
reflector (
MS-AJ□-M).
MS-AJ1-F / MS-AJ2-F(assembly for fiber) include parts
enclosed by the dotted line in place of
sensor mounting
bracket.
(e.g.)
FD-L51
(e.g.)
CX-400 series
The
MS-AJ2 has a different
base.
(
MS-AJ1B)
(
MS-AJ2B)
Note: Adjust the arm joint ( 7 in the figure) by loosening the M4 (length
12 mm 0.472 in) hexagon-socket-head bolts ( 8 in the figure) in
two places. This way you can adjust the arm joint more smoothly.
Notes: 1) The numbers shown in the table above indicate the quantities of the respective parts. 2) The
EQ-20 series were discontinued in December 2005.
No.
Type
Assembly sets
Components
Designation
Model No.
MS-AJ1
MS-AJ2
Basic
assembly
MS-AJ1-A
MS-AJ2-A
Lateral arm
assembly
MS-AJ1-M
MS-AJ2-M
Assembly
for reflector
MS-AJ1-F
MS-AJ2-F
Assembly
for fiber
MS-AJS
Sensor
mounting
unit
MS-AJR
Reflector
mounting
unit
MS-AJ-R1
Reflector
mounting
bracket
MS-AJD
Fiber
mounting
unit
MS-FD-1
Fiber
mounting
bracket
MS-AJL
Arm joint
unit
MS-AJ1B
MS-AJ2B
(Base unit)
MS-AJG
(Cable guide)
MS-AJP
Arm
(Pipe)
1
Base for horizontal mounting (Accessory for
MS-AJ1□)
1
1
1
1
–
–
–
–
–
–
1
–
–
2
Base for vertical mounting (Accessory for
MS-AJ2□)
1
1
1
1
–
–
–
–
–
–
1
–
–
3
Arm (Pipe)
1
2
1
2
–
–
–
–
–
–
–
–
1
4
Attachment
1
1
1
1
1
1
–
1
–
–
–
–
–
5
Sensor mounting bracket
1
1
–
–
1
–
–
–
–
–
–
–
–
6
Cable guide
1
2
–
2
–
–
–
–
–
–
–
1
–
7
Arm joint
–
1
–
1
–
–
–
–
–
1
–
–
–
8
M4 (length 12 mm 0.472 in) hexagon-
socket-head bolt (Drilube applied product)
1
3
1
3
1
1
–
1
–
2
–
–
–
9
M4 (length 15 mm 0.591in) hexagon-socket-
head bolt (Drilube applied product)
1
1
1
1
–
–
–
–
–
–
1
–
–
10
M4 (length 22 mm 0.866 in)
hexagon-socket-head bolt
1
1
1
1
1
1
–
1
–
–
–
–
–
11
M4 nut
3
5
3
5
2
2
–
2
–
2
1
–
–
12
M4 spring washer
1
1
1
1
1
1
–
1
–
–
–
–
–
13
M4 plain washer
1
1
1
1
1
1
–
1
–
–
–
–
–
14
M3 (length 14 mm 0.551 in) screw with washers
for
CX-400/440, LS-400 and EZ-10 series
2
2
–
–
2
–
–
–
–
–
–
–
–
15
M3 (length 18 mm 0.709 in) screw with
washers for
EQ-20 series (Note 2)
2
2
–
–
2
–
–
–
–
–
–
–
–
16
Auxiliary mounting plate for
EQ-20 series (Note 2)
1
1
–
–
1
–
–
–
–
–
–
–
–
17
M3 (length 16 mm 0.630 in) screw with washers for
EX-40 series
2
2
–
–
2
–
–
–
–
–
–
–
–
18
Auxiliary mounting plate for
EX-40 series
1
1
–
–
1
–
–
–
–
–
–
–
–
19
Reflector mounting bracket
–
–
1
–
–
1
1
–
–
–
–
–
–
20
M3 (length 8 mm 0.315 in) screw with washers for
RF-220
–
–
2
–
–
2
2
–
–
–
–
–
–
21
M4 (length 8 mm 0.315 in) screw with washers for
RF-230
–
–
2
–
–
2
2
–
–
–
–
–
–
22
Fiber mounting bracket
–
–
–
1
–
–
–
1
1
–
–
–
–
MS-AJ1, MS-AJ2, MS-AJ1-M, MS-AJ2-M
MS-AJ1-A, MS-AJ2-A, MS-AJ1-F, MS-AJ2-F
STRUCTURE
ORDER GUIDE
Type
Appearance
Model No.
Applicable sensor,
reflector and fiber
Basic
assembly
Horizontal
mounting type
MS-AJ1
MS-AJ2
MS-AJ1
CX-400/440 series
LS series
EQ-20 series (Note)
EX-40 series
EZ-10 series
RF-210 (Reflector)
Vertical
mounting type
MS-AJ2
Lateral arm
assembly
Horizontal
mounting type
MS-AJ1-A MS-AJ2-A
MS-AJ1-A
Vertical
mounting type
MS-AJ2-A
Assembly
for reflector
Horizontal
mounting type
MS-AJ1-M MS-AJ2-M
MS-AJ1-M
RF-220 (Reflector)
RF-230 (Reflector)
Vertical
mounting type
MS-AJ2-M
Assembly
for fiber
Horizontal
mounting type
MS-AJ1-F MS-AJ2-F
MS-AJ1-F
FD-L51 (Fiber)
FD-L52 (Fiber)
FD-L53 (Fiber)
FD-L54 (Fiber)
M3, M4 and M6 threaded
head fibers
Vertical
mounting type
MS-AJ2-F
Note: The
EQ-20 series were discontinued in December 2005.
Designation
Appearance
Model No.
Sensor mounting
unit
MS-AJS
Reflector mounting
unit
MS-AJR
Reflector mounting
bracket
MS-AJ-R1
Fiber mounting
unit
MS-AJD
Fiber mounting
bracket
MS-FD-1
Arm joint unit
MS-AJL
Base unit
(Horizontal mounting type)
MS-AJ1B
Base unit
(Vertical mounting type)
MS-AJ2B
Cable guide
MS-AJG
Arm (Pipe)
MS-AJP
Individual components are also available as follows



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com