Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS-AJS Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # MS-AJS
Description  Universal Sensor Mounting Stand
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MS-AJS Datasheet(HTML) 4 Page - Panasonic Semiconductor

  MS-AJS Datasheet HTML 1Page - Panasonic Semiconductor MS-AJS Datasheet HTML 2Page - Panasonic Semiconductor MS-AJS Datasheet HTML 3Page - Panasonic Semiconductor MS-AJS Datasheet HTML 4Page - Panasonic Semiconductor MS-AJS Datasheet HTML 5Page - Panasonic Semiconductor MS-AJS Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Universal Sensor Mounting Stand
MS-AJ SERIES
956
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Sensor
Mounting
Stand
Sensor
Checker
Sensor
Controller
Other
Products
MS-AJ
Two M3 (length 8 mm 0.315 in)
screws with washers and two
M4 (length 8 mm 0.315 in)
screws with washers are
attached.
22
0.866
2-M4
25 0.984 40 1.575
11.8
0.465
17
0.669
(208)
(8.189)
(147)
(5.787) (Note)
50 1.969
45°
45°
20
0.787
M4 hexagon-
socket-head bolt
Attachment
ø10 ø0.394 pipe
[Stainless steel (SUS304)]
(Nylon 6)
2-M3
4.2
0.165
(44.5)
(1.752)
t 2 t 0.079
28
1.102
25.5
1.004
10
0.394
2-ø6.6 ø0.260 mounting holes
32
1.260
Base
(PA)
28
1.102
8
0.315
18
0.709
45
1.772
20
0.787
Two M3 (length 8 mm 0.315 in)
screws with washers and two M4
(length 8 mm 0.315 in) screws
with washers are attached.
(200)
(7.874)
(143.5)
(5.650) (Note)
(40)
(1.575)
Attachment
(Nylon 6)
ø10 ø0.394 pipe
[Stainless steel (SUS304)]
2-ø6.6 ø0.260
mounting holes
Base
(PA)
32
1.260
24.5
0.965
31
1.220
15
0.591
8
0.315
46
1.811
10 0.394
20
0.787
20
0.787
22
0.866
2-M4
25
0.984
40
1.575
11.8
0.465
17
0.669
50
1.969
28
1.102
45°
45°
20
0.787
M4 hexagon-
socket-head bolt
2-M3
t 2 t 0.079
4.2
0.165
MS-AJ1 MS-AJ2
Basic assembly
Assembly dimensions with CX-400/440 series,
LS-400 series, EZ-10 series
(Mounting part only)
Assembly dimensions with RF-210 (Reflector)
(Mounting part only)
Assembly dimensions with EX-40 series
(Mounting part only)
MS-AJ1-M
MS-AJ2-M
Note: The dimensions in the brackets indicate the adjustable range of the
movable part.
Note: The dimensions in the brackets indicate the adjustable range of the
movable part.
DIMENSIONS (Unit: mm in)
The CAD data can be downloaded from our website.
20
0.787
11.8
0.465
33
1.299
20
0.787
28
1.102
27
1.063
17.6 0.693
45°
45°
t 2 t 0.079
6
0.236
Center of sensing
2-M3 (length 14 mm 0.551 in)
screws with washers
4.2
0.165
25.4 1.000
23.2 0.913
(EZ-10 : 24 0.945)
(EZ-10 : 18 0.709)
(
EZ-10 : 25 0.984)
Center of
sensing
2-M3 (length 16 mm 0.630 in)
screws with washers
33
1.299 19
0.748
17
0.669
24.4
0.961
45°
45°
3
0.118
t 2
t 0.079
4.2
0.165
20
0.787
28
1.102
27
1.063
20
0.787
11.8
0.465
6
0.236
15.5
0.610
Auxiliary mounting
plate for
EX-40 series
2-M3 (length
14 mm 0.551 in)
screws with washers
18.4
0.724
24.8
0.976
45°
45°
t 2
t 0.079
25
0.984
33.3
1.311
31.8
1.252
20
0.787
4.2
0.165
33
1.299
20
0.787
11.8
0.465
6
0.236
Assembly for reflector
Assembly for reflector



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com