Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS-AJS Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # MS-AJS
Description  Universal Sensor Mounting Stand
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MS-AJS Datasheet(HTML) 6 Page - Panasonic Semiconductor

  MS-AJS Datasheet HTML 1Page - Panasonic Semiconductor MS-AJS Datasheet HTML 2Page - Panasonic Semiconductor MS-AJS Datasheet HTML 3Page - Panasonic Semiconductor MS-AJS Datasheet HTML 4Page - Panasonic Semiconductor MS-AJS Datasheet HTML 5Page - Panasonic Semiconductor MS-AJS Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Universal Sensor Mounting Stand
MS-AJ SERIES
958
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Sensor
Mounting
Stand
Sensor
Checker
Sensor
Controller
Other
Products
MS-AJ
MS-AJ1-F
MS-AJ1-F MS-AJ2-F
Fiber mounting bracket / MS-FD-1
Note: The dimensions in the brackets indicate the adjustable range of the
movable part.
MS-AJ2-F
Note: The dimensions in the brackets indicate the adjustable range of the
movable part.
Assembly dimensions with FD-L51
(Mounting part only)
Assembly dimensions with FD-FM2
(Mounting part only)
Note: The above diagram is in case of M6 threaded head fiber.
DIMENSIONS (Unit: mm in)
The CAD data can be downloaded from our website.
28.45
1.120 12
0.472
16.5
0.650
(44.5)
(1.752)
(203.5)
(8.012)
(134)(5.276) (Note)
(33)
(1.299)
210
8.268
(16.5)
(0.650)
33
1.299
6 0.236
Arm joint
(Nylon 6)
4-M3 × 0.5 0.020
mounting holes
Fiber mounting bracket
[Stainless steel (SUS304)]
25.5
1.004
10
0.394
45
1.772
32
1.260
8
0.315
20
0.787
28
1.102
18
0.709
25.5
1.004
(147)
(5.787)
(Note)
(218)
(8.583)
ø10 ø0.394 pipe
[Stainless steel (SUS304)]
ø10 ø0.394 pipe
[Stainless steel (SUS304)]
Cable guide
(POM)
2-ø6.6 ø0.260 mounting holes
Base
(PA)
7
0.276
6 0.236
9 0.354
13.5 0.531
18.5
0.728
22
0.866
13
0.512
t 2
t 0.079
8
0.315
8
0.315
3.2 0.126
8
0.315
5.5
0.217
4
0.157
4
0.157
3.2 0.126
13
0.512
55
2.165
13
0.512
22
0.866
R14 R0.551
40°
ø4 ø0.157
mounting hole
4-M3 × 0.5 0.020
2-M3 × 0.5 0.020
M3 threaded head fiber mounting hole
M4 threaded head fiber mounting hole
M6 threaded head fiber mounting hole
Material: Stainless steel (SUS304)
35
1.378
4.2
0.165
(208.5)
(8.209)
(134)(5.276) (Note)
(33)
(1.299)
Arm joint
(Nylon 6)
Fiber mounting bracket
[Stainless steel (SUS304)]
28.45
1.120 12
0.472
16.5
0.650
(36.5)
(1.437)
210
8.268
(16.5)
(0.650)
33
1.299
6 0.236
4-M3 × 0.5 0.020
mounting holes
20
0.787
24.5
0.965
32
1.260
46
1.811
Base
31
1.220
15
0.591
8
0.315
20
0.787
2-ø6.6 ø0.260
mounting holes
10
0.394
(147)
(5.787)
(Note)
(210)
(8.268)
ø10 ø0.394 pipe
[Stainless steel (SUS304)]
ø10 ø0.394 pipe
[Stainless steel (SUS304)]
Cable guide
(POM)
(PA)
4
0.157
1.5
0.059
4.5 0.177
21
0.827
8
0.315
22
0.866
41.5
1.634
55
2.165
6.5
0.256
41.5
1.634
22
0.866
33
1.299
20
0.787
t 2
t 0.079
25
0.984
31
1.220
16
0.630
22
0.866
33
1.299
20
0.787
t 2
t 0.079
23.5
0.925
ø3.5
ø0.138
15
0.591
5
0.197
35
1.378
(10)
(0.394)
(28.5)
(1.122)
(45)
(1.772)
55
2.165
M6 × 0.75 0.030
Opposing faces10 0.394,
thickness 2 0.079
Toothed lock washer ø11 ø0.433
22
0.866
Assembly for fiber
Assembly for fiber
Assembly for fiber



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com