Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS-AJS Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MS-AJS
Description  Universal Sensor Mounting Stand
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MS-AJS Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MS-AJS Datasheet HTML 1Page - Panasonic Semiconductor MS-AJS Datasheet HTML 2Page - Panasonic Semiconductor MS-AJS Datasheet HTML 3Page - Panasonic Semiconductor MS-AJS Datasheet HTML 4Page - Panasonic Semiconductor MS-AJS Datasheet HTML 5Page - Panasonic Semiconductor MS-AJS Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
953
Related Information
FIBER
SENSORS
LASER
SENSORS
PHOTOELECTRIC
SENSORS
MICRO
PHOTOELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASUREMENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA COMPONENTS
MACHINE VISION
SYSTEMS
UV CURING
SYSTEMS
Sensor Mounting
Stand
Sensor
Checker
Sensor
Controller
Other Products
MS-AJ
Universal Sensor Mounting Stand
MS-AJ SERIES
Eight types of mounting stand enable installation of sensors,
fibers, and reflectors at any desired position
■General terms and conditions.............F-3 ■LS-400..........................................P.213~
■CX-400 / CX-440............P.245~ / P.319~ ■EX-40 / EZ-10.................P.313~ / P.891~
panasonic.net/id/pidsx/global
Easy adjustment of sensing position
Even after mounting a sensor, you can adjust the sensor
easily.
Mountable on vertical or horizontal plane
Cable can be neatly threaded into pipe
Mounting on horizontal plane
Mounting on vertical plane
MS-AJ1(-□)
MS-AJ2(-□)
Eight models
MS-AJ□ (Basic assembly)
It is used to mount
CX-400/440, LS-400, EX-40
and
EZ-10 series sensors,
and the
RF-210 reflector.
Flexible height adjustment Flexible angle adjustment
MS-AJ□-A (Lateral arm assembly)
A lateral arm is added to the
MS-AJ□ basic assembly.
Sensing is possible from
above an assembly line.
MS-AJ□-M (Assembly for reflector)
The
MS-AJ□ basic assembly
is modified to mount a
reflector. It can be used for
RF-220 and RF-230 reflector.
The sensor mounting bracket
of
MS-AJ□-A is replaced with
a fiber mounting bracket. It can
be used with
FD-L51, FD-L52,
FD-L53, FD-L54 and M3, M4
or M6 threaded head fiber.
150 mm 5.906 in
approx.
Swivel: 360° revolution
Elevation angle ±45°
(Note)
Note: The elevation angle is ±20° for
MS-AJ□-F (assembly for fiber).
Note: Do not thread the fiber
cable into the pipe in
case of
MS-AJ-F
(assembly for fiber).
Cable guide (Note)
Pipe
Mountable on
aluminum frame
Conveyor line
MS-AJ1 MS-AJ2
MS-AJ1-A
MS-AJ2-A
MS-AJ1-M
MS-AJ2-M
MS-AJ1-F
MS-AJ2-F
MS-AJ□-F (Assembly for fiber)
Conveyor line
Securely fixed
with two M6 screws


Similar Part No. - MS-AJS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MS-AJ1 PANASONIC-MS-AJ1 Datasheet
414Kb / 6P
Convergent Reflective Photoelectric Sensor
MS-AJ1 PANASONIC-MS-AJ1 Datasheet
7Mb / 24P
Amplifier Built-in Compact Photoelectric Sensor
2016.12
MS-AJ1-A PANASONIC-MS-AJ1-A Datasheet
414Kb / 6P
Convergent Reflective Photoelectric Sensor
MS-AJ1-A PANASONIC-MS-AJ1-A Datasheet
7Mb / 24P
Amplifier Built-in Compact Photoelectric Sensor
2016.12
MS-AJ1-F PANASONIC-MS-AJ1-F Datasheet
8Mb / 16P
Digital Fiber Sensor
More results

Similar Description - MS-AJS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1122 PHILIPS-ISP1122 Datasheet
1Mb / 48P
Universal Serial Bus stand-alone hub
Rev. 03-29 March 2000
ISP1122A PHILIPS-ISP1122A Datasheet
1Mb / 48P
Universal Serial Bus stand-alone hub
Rev. 01-27 March 2000
logo
List of Unclassifed Man...
ABAC14W1735SNM09 ETC2-ABAC14W1735SNM09 Datasheet
192Kb / 1P
WALL MOUNTING RECEPTACLE WITH INTEGRAL PCB STAND OFF
logo
FSP TECHNOLOGY INC.
NANO400 FSP-NANO400 Datasheet
60Kb / 1P
C ompact size with stand and mounting flexibility
NANO600 FSP-NANO600 Datasheet
60Kb / 1P
Compact size with stand and mounting flexibility
NANO800 FSP-NANO800 Datasheet
60Kb / 1P
Compact size with stand and mounting flexibility
logo
Tripp Lite. All Rights ...
DDR0810TRI TRIPPLITE-DDR0810TRI Datasheet
504Kb / 2P
Full-Motion Universal Flexible Tablet Stand
MR1815SWVL TRIPPLITE-MR1815SWVL Datasheet
163Kb / 2P
Universal Swivel Monitor Stand/Riser
logo
Festo Corporation.
8058736 FESTO-8058736 Datasheet
93Kb / 2P
Universal sensor
8058737 FESTO-8058737 Datasheet
93Kb / 2P
Universal sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com