Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T115D-AF Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # T115D-AF
Description  Snap Switches Capable of 15A Switching
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T115D-AF Datasheet(HTML) 3 Page - Panasonic Semiconductor

  T115D-AF Datasheet HTML 1Page - Panasonic Semiconductor T115D-AF Datasheet HTML 2Page - Panasonic Semiconductor T115D-AF Datasheet HTML 3Page - Panasonic Semiconductor T115D-AF Datasheet HTML 4Page - Panasonic Semiconductor T115D-AF Datasheet HTML 5Page - Panasonic Semiconductor T115D-AF Datasheet HTML 6Page - Panasonic Semiconductor T115D-AF Datasheet HTML 7Page - Panasonic Semiconductor T115D-AF Datasheet HTML 8Page - Panasonic Semiconductor T115D-AF Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
T-15 Series Switches
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
© Panasonic Corporation 2019
AECTB5E 201906
Note: 1. Of the standard installation accessories that come with the part, the front hex nut and lock washer are included.
2. 300 V vinyl wire (VSF, thick: 2 mm2, length: 200 mm) is used. Please inquire about type and different length of lead wire.
Note: Of the standard installation accessories that come with the product, the front hex nut and lock washer are included.
1) Solder terminal
2) Screw terminal
■Terminal-sealed type
Number of poles
Kind of operation
< >: Momentary position
Solder terminal
Part No.
1-pole
ON-OFF
TD115A-F
ON-ON
TD115D-F
ON-OFF-ON
TD115E-F
ON-<ON>
TD115F-F
<ON>-OFF-<ON>
TD115G-F
ON-OFF-<ON>
TD115H-F
2-pole
ON-OFF
TD215K-F
ON-ON
TD215N-F
ON-OFF-ON
TD215P-F
ON-<ON>
TD215R-F
<ON>-OFF-<ON>
TD215S-F
ON-OFF-<ON>
TD215T-F
Number of poles
Kind of operation
< >: Momentary position
Screw terminal
Part No.
1-pole
ON-OFF
TD115A-SF
ON-ON
TD115D-SF
ON-OFF-ON
TD115E-SF
ON-<ON>
TD115F-SF
<ON>-OFF-<ON>
TD115G-SF
ON-OFF-<ON>
TD115H-SF
2-pole
ON-OFF
TD215K-SF
ON-ON
TD215N-SF
ON-OFF-ON
TD215P-SF
ON-<ON>
TD215R-SF
<ON>-OFF-<ON>
TD215S-SF
ON-OFF-<ON>
TD215T-SF
Note: Of the standard installation accessories that come with the part, the front hex nut and lock washer are included.
■Wire lead type
Number of poles
Kind of operation
< >: Momentary position
Wire lead type
Part No.
1-pole
ON-OFF
TC115A-F
ON-ON
TC115D-F
ON-OFF-ON
TC115E-F
ON-<ON>
TC115F-F
<ON>-OFF-<ON>
TC115G-F
ON-OFF-<ON>
TC115H-F
2-pole
ON-OFF
TC215K-F
ON-ON
TC215N-F
ON-OFF-ON
TC215P-F
ON-<ON>
TC215R-F
<ON>-OFF-<ON>
TC215S-F
ON-OFF-<ON>
TC215T-F
ー 3 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com