Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T115D-AF Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # T115D-AF
Description  Snap Switches Capable of 15A Switching
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T115D-AF Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button T115D-AF Datasheet HTML 5Page - Panasonic Semiconductor T115D-AF Datasheet HTML 6Page - Panasonic Semiconductor T115D-AF Datasheet HTML 7Page - Panasonic Semiconductor T115D-AF Datasheet HTML 8Page - Panasonic Semiconductor T115D-AF Datasheet HTML 9Page - Panasonic Semiconductor T115D-AF Datasheet HTML 10Page - Panasonic Semiconductor T115D-AF Datasheet HTML 11Page - Panasonic Semiconductor T115D-AF Datasheet HTML 12Page - Panasonic Semiconductor T115D-AF Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
T-15 Series Switches
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
© Panasonic Corporation 2019
AECTB5E 201906
SPECIFICATIONS
■Contact rating
1) Toggle type and Rocker type
■Characteristics
2) Push-button type (momentary)
Kind of load
AC rating
DC rating
Resistive load
15A 250V
0.5A 250V, 0.9A 125V, 15A 30V
Inductive load
15A 250V (Power factor: 0.6)
0.3A 250V (Time constant: 8 ms),
0.5A 125V (Time constant: 8 ms)
15A 30V (Time constant: 8 ms)
Kind of load
AC rating
DC rating
Resistive load
10A 250V
0.4A 250V, 0.8A 125V, 8A 30V
3) Push-button type (alternate)
Kind of load
AC rating
DC rating
Resistive load
15A 250V
0.5A 250V, 0.9A 125V, 15A 30V
Item
Specifications
Shape of actuator
Toggle type
Rocker type
Push-button type
Mechanical expected life
1-pole and 2-pole: Min. 105
3-pole and 4-pole: Min. 8.5×104
Min. 5×104 (20 cpm)
ON-OFF, ON-ON,
ON-OFF-ON,
Min. 3×104 (20 cpm)
ON-(ON), (ON)-OFF-(ON),
ON-OFF-(ON)
Min. 3×104 (20 cpm)
Electrical expected life
(10 cpm)
Standard and panel-sealed types: Min. 3×104
Terminal-sealed and wire leads types: Min. 1.5×104
Standard type: Min. 3×104
Panel-sealed, terminal-sealed
and wire leads types: Min. 104
Min. 104
Dielectric strength
1500 Vrms (at detection current: 10mA)
Insulation resistance
Min. 100 MΩ (at 500 V DC measured by insulation resistive meter)
Contact resistance
Initial, Max. 10 mΩ (By voltage drop at 1 A, 2 to 4 V DC)
Wire leads type only: Initial, Max. 30 mΩ (By voltage drop at 1 A, 2 to 4 V DC)
Actuator strength
112.7N for 1 min. (For operating direction)
Vibration resistance
10 to 55 Hz at double amplitude of 1.5 mm (contact opening: Max. 10 ms)
Terminal strength (static
load)
24.5N for 1 min.
Ambient temperature
–25°C to +70°C (Not freezing below 0°C)
Contact material
AgZnO alloy
DATA (Electrical life, For toggle standard type)
Tested condition: 250 V AC, Power factor: 0.6 and 10 cpm
Current (A)
2-pole and 1pole types
4-pole and 3-pole types
2
0
1
2
3
4
5
6
7
8
9
10
6 10 14 18 22 26 30
ー 9 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com