Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T115D-AF Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # T115D-AF
Description  Snap Switches Capable of 15A Switching
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T115D-AF Datasheet(HTML) 4 Page - Panasonic Semiconductor

  T115D-AF Datasheet HTML 1Page - Panasonic Semiconductor T115D-AF Datasheet HTML 2Page - Panasonic Semiconductor T115D-AF Datasheet HTML 3Page - Panasonic Semiconductor T115D-AF Datasheet HTML 4Page - Panasonic Semiconductor T115D-AF Datasheet HTML 5Page - Panasonic Semiconductor T115D-AF Datasheet HTML 6Page - Panasonic Semiconductor T115D-AF Datasheet HTML 7Page - Panasonic Semiconductor T115D-AF Datasheet HTML 8Page - Panasonic Semiconductor T115D-AF Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
T-15 Series Switches
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
© Panasonic Corporation 2019
AECTB5E 201906
Note: A selling unit of each accessory is 10 pieces.
1) Installation accessories (Repair parts)
•
Using the different rubber caps
We recommend silicon rubber and EP rubber caps for the following applications.
■Accessories
Notes: 1. The asterisk “∗” in the part number WD1811∗ for the silicon rubber type rubber cap is where the letter representing the color should be inserted.
(B: black; R: red; Z: grey; Y: yellow; G: green.)
2. EP rubber cap is available in black only.
3. Letters on the display panel are aluminum colored and the area surrounding the letters is black.
4. Indication plate and rubber cap are compatible with the T-15 series switch, T-10 series switch, and T-03/T-06 series switches
(when plate thickness is 2.7 mm or less).
5. Applicable EP rubber type switches are only available in ON-OFF, ON-ON, ON <- ON>, and <ON>-OFF <- ON>. “< >”: Momentary position
■Standard type
Product name
Standard installation accessories
Optional installation
accessories
Front hex nut
(Nickel plated)
Back hex nut
(Uni-chrome plated)
Keying washer
Lock washer
Front Knurl nut
(Nickel plated)
Dimensions
(Unit: mm)
14
(16.17)
2.3
M12 x 1
14
(16.17)
2.3
M12 x 1
2.8
18.2 dia.
12.3 dia.
2.4
9.7
1
15.6 dia.
12.3 dia.
0.5
1
15 dia.
2.4
M12 x 1
Part No.
AJ3081
AJ3082
AJ3083
AJ3084
AJ3080
1) Silicon rubber type
• When it is necessary to differentiate by color.
• When using in applications that require resistance to heat and
cold. Ambient temperature: –25°C to +85°C (EP rubber type is
0°C to +40°C.)
• When compactness is required.
2) EP rubber type
When cost is the primary consideration.
2) Accessories (Option)
Product name
Indication plate (aluminum) (Note 3)
Rubber cap (Note 1, 2, 4, 5)
ON-OFF
ON-ON
EP rubber type
Silicone rubber type
Dimensions
(Unit: mm)
10 dia.
24.5
21 dia.
M12
7
Part No.
WD1901
WD1902
WD1911
WD1811*
12.3 dia.
16
30
1.3
1.5
0.8
0.8
17
12.3 dia.
16
30
1.3
1.5
0.8
0.8
17
8 dia.
24.5
18 dia.
M12
8.6
ROCKER TYPES
1) Solder terminal, without indication on actuator
Number of poles
Kind of operation
< >: Momentary position
Solder terminal
Part No.
1-pole
ON-OFF
TR115A-*F
ON-ON
TR115D-*F
ON-OFF-ON
TR115E-*F
ON-<ON>
TR115F-*F
<ON>-OFF-<ON>
TR115G-*F
ON-OFF-<ON>
TR115H-*F
2-pole
ON-OFF
TR215K-*F
ON-ON
TR215N-*F
ON-OFF-ON
TR215P-*F
ON-<ON>
TR215R-*F
<ON>-OFF-<ON>
TR215S-*F
ON-OFF-<ON>
TR215T-*F
Note: Please specify the actuator color by replacing the asterisk “*” in the part number with appropriate letter. (B: black; W: white; R: red; Z: dark grey)
ー 4 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com