Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T115D-AF Datasheet(PDF) 12 Page - Panasonic Semiconductor

Part # T115D-AF
Description  Snap Switches Capable of 15A Switching
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T115D-AF Datasheet(HTML) 12 Page - Panasonic Semiconductor

Back Button T115D-AF Datasheet HTML 8Page - Panasonic Semiconductor T115D-AF Datasheet HTML 9Page - Panasonic Semiconductor T115D-AF Datasheet HTML 10Page - Panasonic Semiconductor T115D-AF Datasheet HTML 11Page - Panasonic Semiconductor T115D-AF Datasheet HTML 12Page - Panasonic Semiconductor T115D-AF Datasheet HTML 13Page - Panasonic Semiconductor T115D-AF Datasheet HTML 14Page - Panasonic Semiconductor T115D-AF Datasheet HTML 15Page - Panasonic Semiconductor T115D-AF Datasheet HTML 16Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
T-15 Series Switches
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
© Panasonic Corporation 2019
AECTB5E 201906
ROCKER TYPE DIMENSIONS
CAD Data
■Standard type
1) Solder terminal
(Unit: mm) General tolerance: ±0.5
29
13°
15.8
33
6
19.5
6
13°
5.7
33.8
10.2
5.7
37
10.2
1-pole
2-pole
2-M3×0.5
2-M3×0.5
45
38
27
45
38
27
29
15.8
9.3
33
10.2
37.1
5.7
13°
13°
19.5
9.3
5.7
10.2
1-pole
2-pole
40.3
45
38
27
45
38
27
2-M3×0.5
2-M3×0.5
CAD Data
External dimensions
1) Solder terminal
13°
13°
41
41
1-pole
7.8
2.5
27.7
5
34
2-pole
7.8
2.5
30.9
5
34
17 24
22 29
34
10.3
34
10.3
13°
2.5
27.7
7.8
2.5
13°
7.8
1-pole
2-pole
41
41
30.9
17 24
22 29
Notes: 1. ON-OFF type does not have terminal No. 2 and 5.
2. Dimensions of actuator: 13.4 × 27
Notes: 1. ON-OFF type does not have terminal No. 2 and 5.
2. Dimensions of actuator: 1-pole: 12.6 × 29, 2-pole: 17.4 × 29
CAD Data
External dimensions
1) Solder terminal
24
17
34
34
5
13°
13°
27.7
2.5
7.8
41
41
29
22
5
2.5
7.8
1-pole
2-pole
30.9
17 24
10.3
22 29
10.3
13°
27.7
7.8
2.5
41
13°
7.8
2.5
41
1-pole
2-pole
30.9
34
34
Notes: 1. ON-OFF type does not have terminal No. 2 and 5.
2. Dimensions of actuator: 1-pole: 12.6 × 29, 2-pole: 17.4 × 29
External dimensions
2) Screw terminal (M3.5)
■Panel-sealed type
■Terminal-sealed type
2) Screw terminal (M3.5)
2) Screw terminal (M3.5)
ー 12 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com