Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC115D-F Datasheet(PDF) 18 Page - Panasonic Semiconductor

Part # TC115D-F
Description  Snap Switches Capable of 15A Switching
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TC115D-F Datasheet(HTML) 18 Page - Panasonic Semiconductor

Back Button TC115D-F Datasheet HTML 13Page - Panasonic Semiconductor TC115D-F Datasheet HTML 14Page - Panasonic Semiconductor TC115D-F Datasheet HTML 15Page - Panasonic Semiconductor TC115D-F Datasheet HTML 16Page - Panasonic Semiconductor TC115D-F Datasheet HTML 17Page - Panasonic Semiconductor TC115D-F Datasheet HTML 18Page - Panasonic Semiconductor TC115D-F Datasheet HTML 19Page - Panasonic Semiconductor TC115D-F Datasheet HTML 20Page - Panasonic Semiconductor TC115D-F Datasheet HTML 21Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Technical Terminology & Cautions for Use
AECTB38E 201811-T
(Operation Switches)
TECHNICAL TERMINOLOGY
Technical Terminology & Cautions for Use
■ Rated values
Values indicating the characteristics and performance guarantee
standards of the switches. The rated current and rated voltage,
for instance, assume specific conditions.
■ Electrical life
The service life when the rated load is connected to the contact
and switching operations are performed.
■ Mechanical life
The service life when operated at a preset operating frequency
without passing electricity through the contacts.
■ Dielectric strength
Threshold limit value that a high voltage can be applied to a
predetermined measuring location for one minute without
causing damage to the insulation.
■ Insulation resistance
This is the resistance value at the same place the dielectric
strength is measured.
■ Contact resistance
This indicates the electrical resistance at the contact part.
Generally, this resistance includes the conductor resistance of
the spring and terminal portions.
■ Vibration resistance
Vibration range where a closed contact does not open for longer
than a specified time due to vibrations during use of the snap-
action switches.
■ Shock resistance
Max. shock value where a closed contact does not open for
longer than a specified time due to shocks during use of the
switches.
■ Allowable switching frequency
This is the maximum switching frequency required to reach the
end of mechanical life (or electrical life).
■ Temperature rise value
This is the maximum temperature rise value that heats the
terminal portion when the rated current is flowing through the
contacts.
■ Actuator strength
When applying a static load for a certain period on the actuator
in the operation direction, this is the maximum load it can
withstand before the switch loses functionality.
■ Terminal strength
When applying a static load for a certain period (in all directions
if not stipulated) on a terminal, this is the maximum load it can
withstand before the terminal loses functionality (except when
the terminal is deformed).
ー 18 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com