Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC115D-F Datasheet(PDF) 14 Page - Panasonic Semiconductor

Part # TC115D-F
Description  Snap Switches Capable of 15A Switching
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TC115D-F Datasheet(HTML) 14 Page - Panasonic Semiconductor

Back Button TC115D-F Datasheet HTML 10Page - Panasonic Semiconductor TC115D-F Datasheet HTML 11Page - Panasonic Semiconductor TC115D-F Datasheet HTML 12Page - Panasonic Semiconductor TC115D-F Datasheet HTML 13Page - Panasonic Semiconductor TC115D-F Datasheet HTML 14Page - Panasonic Semiconductor TC115D-F Datasheet HTML 15Page - Panasonic Semiconductor TC115D-F Datasheet HTML 16Page - Panasonic Semiconductor TC115D-F Datasheet HTML 17Page - Panasonic Semiconductor TC115D-F Datasheet HTML 18Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
T-15 Series Switches
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
© Panasonic Corporation 2019
AECTB5E 201906
■Toggle type
MOUNTING DIMENSIONS
Type
Standard type
Panel cutout
(Unit: mm)
Panel thickness
Max. 4.6 mm
Max. 5.6 mm
(without keying washer)
Max. 5.6 mm
(without keying washer)
12.5 dia.
3
dia.
9.2±0.1
±0.2
0
12.5 dia.
12.3 dia.
11.5
1.5
Type
Panel-sealed, Terminal-sealed and Wire leads types
Panel cutout
(Unit: mm)
Panel thickness
Max. 4 mm
Max. 4 mm
(without keying washer)
12.5 dia.
11.2
12.5 dia.
Front hex nut
Keying washer
Lock washer
Back hex nut
Note: For panel installations of standard type, be use to use the back hex nut.
■Rocker type
Type
Standard type
Panel-sealed, Terminal-sealed and Wire leads types
Panel cutout
(Unit: mm)
Panel thickness
Max. 4.5 mm
1.2 to 3.2 mm
2-3.5±0.1dia.
38±0.3
28+0.3
0
14.5+0.3
0
1 pole
2-pole
34.2±0.1
34.2±0.1
17.2±0.1
22.2±0.1
■Push-button type
Type
Standard type
Panel-sealed type
Panel cutout
(Unit: mm)
Momentary, 1-pole:
Momentary, 1-pole:
Max. 10 mm Momentary,
2-pole: Max. 7.5 mm
Alternate: Max. 7.5 mm
(without keying washer)
Momentary, 1-pole:
Max. 11 mm Momentary,
2-pole: Max. 7.5 mm
Alternate: Max. 7.5 mm
(without keying washer)
Max. 4 mm
Max. 4 mm
(without keying washer)
Max. 10 mm
Panel thickness
Momentary, 2-pole:
Max. 6.5 mm
Alternate: Max. 6.5 mm
12.5 dia.
3 dia.
9.2±0.1
12.5 dia.
12.3 dia.
11.5
1.5
12.5 dia.
11.2
12.5 dia.
Note: For panel installations of standard type, be use to use the back hex nut.
ー 14 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com