Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC115D-F Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # TC115D-F
Description  Snap Switches Capable of 15A Switching
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TC115D-F Datasheet(HTML) 2 Page - Panasonic Semiconductor

  TC115D-F Datasheet HTML 1Page - Panasonic Semiconductor TC115D-F Datasheet HTML 2Page - Panasonic Semiconductor TC115D-F Datasheet HTML 3Page - Panasonic Semiconductor TC115D-F Datasheet HTML 4Page - Panasonic Semiconductor TC115D-F Datasheet HTML 5Page - Panasonic Semiconductor TC115D-F Datasheet HTML 6Page - Panasonic Semiconductor TC115D-F Datasheet HTML 7Page - Panasonic Semiconductor TC115D-F Datasheet HTML 8Page - Panasonic Semiconductor TC115D-F Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
T-15 Series Switches
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
© Panasonic Corporation 2019
AECTB5E 201906
Note: Of the standard installation accessories that come with the product, the front hex nut and lock washer are included.
Note: Of the standard installation accessories that come with the product, the front hex nut and lock washer are included.
Note: Standard installation accessories are included with the product.
2) Screw terminal
Number of poles
Kind of operation
< >: Momentary position
Screw terminal
Part No.
1-pole
ON-OFF
T115A-SF
ON-ON
T115D-SF
ON-OFF-ON
T115E-SF
ON-<ON>
T115F-SF
<ON>-OFF-<ON>
T115G-SF
ON-OFF-<ON>
T115H-SF
2-pole
ON-OFF
T215K-SF
ON-ON
T215N-SF
ON-OFF-ON
T215P-SF
ON-<ON>
T215R-SF
<ON>-OFF-<ON>
T215S-SF
ON-OFF-<ON>
T215T-SF
3-pole
ON-OFF
T315K-SF
ON-ON
T315N-SF
ON-OFF-ON
T315P-SF
4-pole
ON-OFF
T415K-SF
ON-ON
T415N-SF
ON-OFF-ON
T415P-SF
■Panel-sealed type
1) Solder terminal
Number of poles
Kind of operation
< >: Momentary position
Solder terminal
Part No.
1-pole
ON-OFF
TP115A-F
ON-ON
TP115D-F
ON-OFF-ON
TP115E-F
ON-<ON>
TP115F-F
<ON>-OFF-<ON>
TP115G-F
ON-OFF-<ON>
TP115H-F
2-pole
ON-OFF
TP215K-F
ON-ON
TP215N-F
ON-OFF-ON
TP215P-F
ON-<ON>
TP215R-F
<ON>-OFF-<ON>
TP215S-F
ON-OFF-<ON>
TP215T-F
2) Screw terminal
Number of poles
Kind of operation
< >: Momentary position
Screw terminal
Part No.
1-pole
ON-OFF
TP115A-SF
ON-ON
TP115D-SF
ON-OFF-ON
TP115E-SF
ON-<ON>
TP115F-SF
<ON>-OFF-<ON>
TP115G-SF
ON-OFF-<ON>
TP115H-SF
2-pole
ON-OFF
TP215K-SF
ON-ON
TP215N-SF
ON-OFF-ON
TP215P-SF
ON-<ON>
TP215R-SF
<ON>-OFF-<ON>
TP215S-SF
ON-OFF-<ON>
TP215T-SF
ー 2 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com