Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC115D-F Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # TC115D-F
Description  Snap Switches Capable of 15A Switching
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TC115D-F Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button TC115D-F Datasheet HTML 7Page - Panasonic Semiconductor TC115D-F Datasheet HTML 8Page - Panasonic Semiconductor TC115D-F Datasheet HTML 9Page - Panasonic Semiconductor TC115D-F Datasheet HTML 10Page - Panasonic Semiconductor TC115D-F Datasheet HTML 11Page - Panasonic Semiconductor TC115D-F Datasheet HTML 12Page - Panasonic Semiconductor TC115D-F Datasheet HTML 13Page - Panasonic Semiconductor TC115D-F Datasheet HTML 14Page - Panasonic Semiconductor TC115D-F Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
T-15 Series Switches
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
© Panasonic Corporation 2019
AECTB5E 201906
CAD Data
External dimensions
■Panel-sealed type
1) Solder terminal
17.5
7.5
6
15.8
23.7
10
29
19.5
33
5.5 dia.
18 dia.
M12×1
26.9
10
7.5
17.5
D cut
30°±4°
M12×1
18 dia.
D cut
30°±8°
5.5 dia.
1-pole
2-pole
5.5 dia.
18 dia.
30°±4°
M12×1
18 dia.
30°±8°
9.3
15.8
27
29
7.5
17.5
10
9.3
19.5
30.2
7.5
17.5
10
33
D cut
M12×1
D cut
5.5 dia.
1-pole
2-pole
Note: ON-OFF type does not have terminal No. 2 and 5.
CAD Data
External dimensions
■Wire leads type
Notes: 1. ON-OFF type does not have wire lead
No. 2 and 5.
2. 300 V vinyl wire (VSF, thick: 2 mm2,
length: 200 mm) is used.
2) Screw terminal (M3.5)
CAD Data
External dimensions
■Terminal-sealed type
1) Solder terminal
26.9
5
10.3
7.5
17.5
5.5 dia.
30°±4°
M12×1
18 dia.
30°±8°
5.5 dia.
23.7
5
10.3
7.5
17.5
D cut
D cut
M12×1
18 dia.
1-pole
2-pole
29
33
19.5
15.8
7.5 10.3
29
10.3
17.5
7.5 10.3
32.2
10.3
17.5
5.5 dia.
M12×1
18 dia.
30°±8°
5.5 dia.
M12×1
18 dia.
D cut
D cut
1-pole
2-pole
30°±4°
29
33
15.8
19.5
Note: ON-OFF type does not have terminal No. 2 and 5.
2) Screw terminal (M3.5)
30°±8°
4
1
5.5 dia.
18 dia.
30.6
2
3
1
D cut
30°±4°
10±4
15.8
200±20
33
6
3
2
5
7.5
17.5
10.3
33.2
D cut
21.1
10±4
200±20
18 dia.
5.5 dia.
10.3
7.5
36.4
17.5
1-pole
2-pole
Color of wire leads
No.
Color
1
Brown
2
Red
3
Orange
4
Yellow
5
Green
6
Blue
M12×1
M12×1
ー 11 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com