Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5046IC-PWM2E-R100 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE5046IC-PWM2E-R100
Description  High End GMR Wheel Speed Sensor with direction detection, ASIL B(D)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5046IC-PWM2E-R100 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE5046IC-PWM2E-R100 Datasheet HTML 1Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 2Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 3Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 4Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 5Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 6Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 7Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 8Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
1
Product Characteristics
Absolute Maximum Ratings
Stresses above the maximum values listed here may cause permanent damage to the device.
Table 2
Parameter
Symbol Min.
Typ.
Max.
Unit Note / Test Condition
Supply voltage
VDD
-
-
24
V
max. 30 min @ TJ = 25 +/- 5°C
-0.6
-
-
V
TJ < 80°C, IDD reverse current limit
applies
Reverse current
IDD
-200
-
-
mA
t = max 4 h
Junction temperature
TJ
-40
-
190
°C
max 4 h, < 16.5 V
Magnetic flux density
Bmax_x
Bmax_y
-
-
250
mT
max. 1min @ TA ≤ 85°C
Bmax_z
-
-
500
mT
max. 1min @ TA ≤ 85°C
Operating Range
The following operating conditions must not be exceeded in order to ensure correct operation.
Table 3
Parameter
Symbol Min.
Typ.
Max.
Unit Note / Test Condition
Supply voltage
VDD
5.2
-
20
V
TLE5046iC-AK*, TLE5046iC-PWM*-
R100
VDD
4.25
-
20
V
TLE5046iC-PWM*-R050
Operating Temperature
TJ
-40
190
°C
Magnetic signal frequency
fmag
0
-
3000
Hz
Minimum differential magnetic
input signal amplitude,
magnetic encoder application
dBlimit_x
TA = 25°C
70
90
110
µT
99% criterium
Magnetic induction amplitude
at each GMR
sensing element
Bx
-25
-
25
mT
Dynamic and static
homogeneous external
disturbance fields
Bext_XYZ
-2
2
mT
no unwanted pulses
TLE5046iC
Technical product description
1 Product Characteristics
Technical Product Description
4
Revision 2.0
2020-06-30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com