Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5046IC-PWM2E-R100 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE5046IC-PWM2E-R100
Description  High End GMR Wheel Speed Sensor with direction detection, ASIL B(D)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5046IC-PWM2E-R100 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE5046IC-PWM2E-R100 Datasheet HTML 1Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 2Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 3Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 4Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 5Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 6Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 7Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 8Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Functional Parameters
The magnetic input is assumed sinusoidal with constant amplitude and offset. The typical values shown below
are valid for VDD = 12 V and TA = 25°C. For a more detailed specification please refer to our product datasheets
which are available on request.
Table 4
Parameter
Symbol Min.
Typ.
Max.
Unit Note / Test Condition
Period jitter
Sjit
-
±0.02
%
± 1 σ value
Duty cycle
DC
40
-
60
%
in calibrated mode
Supply current during static
output low state
Ilow
5.95
7
8.05
mA
Supply current during static
output mid state (AK), or high
state (PWM)
Imid
Ihigh
11.9
14
16.1
mA
Supply current during static
output high state (AK)
Ihigh
23.8
28
32.2
mA
Current level for indicating
errors
IError
1
3.5
3.8
mA
Output current slew rate
SRr, SRf
11
-
28
mA/
μs
SRr = (I90% - I10%) / tr
SRf = (I90% - I10%) / tf
Switch-off voltage
Vreset
3.5
V
direct on sensor pins
Supply voltage hysteresis
VHys
1.5
1.7
V
TLE5046iC-AK*, TLE5046iC-PWM*-
R100
Supply voltage hysteresis
VHys
0.65
0.75
V
TLE5046iC-PWM*-R050
TLE5046iC
Technical product description
1 Product Characteristics
Technical Product Description
5
Revision 2.0
2020-06-30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com