Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5046IC-PWM2E-R100 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE5046IC-PWM2E-R100
Description  High End GMR Wheel Speed Sensor with direction detection, ASIL B(D)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5046IC-PWM2E-R100 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE5046IC-PWM2E-R100 Datasheet HTML 1Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 2Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 3Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 4Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 5Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 6Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 7Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 8Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Features & Benefits
•
Developed according to ISO 26262, compliant with the requirements of ASIL B(D)
•
Low jitter 0.02% due to high switching accuracy enables iTPMS
•
Two-wire current interface providing speed and direction information
•
Advanced stop-start capabilities enabled by
-
Innovative watchdog concept to guarantee maximum signal availability
-
No loss of direction information during start-stop condition
•
Wide operating junction temperature range -40°C to 190°C
•
Robustness against external magnetic disturbances up to 2mT through differential sensing principle
•
High sensitivity enables outstanding air gap performance along with immunity against y-displacement
effects
•
Small sensor package 5x3mm without need of external capacitor saves module size, increases robustness
against mechanical stress, and enables design freedom
•
Advanced EMC concept maximizes the availability of the sensor signal
•
New established Micro Break feature designed to be immune against disturbances on supply line
Order Information
Table 1
Type
Description
Ordering
Number
TLE5046iC-PWM2-R050
Speed sensor with direction detection and PWM protocol,
optimized for use with load resistor Rm ≤ 50 Ω
SP002627824
TLE5046iC-PWM2-R100
Speed sensor with direction detection and PWM protocol,
optimized for use with load resistor 50 Ω ≤ Rm ≤ 100 Ω
SP002627830
TLE5046iC-PWM2E-R050
Speed sensor with direction detection, additional self-
diagnostics, and PWM protocol, optimized for use with load
resistor Rm ≤ 50 Ω
SP002627816
TLE5046iC-PWM2E-R100
Speed sensor with direction detection, additional self-
diagnostics, and PWM protocol, optimized for use with load
resistor 50 Ω ≤ Rm ≤ 100 Ω
SP002627820
TLE5046iC-AK-LR
Speed sensor with direction detection and AK protocol
SP001418756
TLE5046iC-AK-ERR
Speed sensor with direction detection, additional self-
diagnostics, and AK protocol
SP001615796
TLE5046iC
Technical product description
About this product
Technical Product Description
2
Revision 2.0
2020-06-30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com