Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5046IC-PWM2E-R100 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE5046IC-PWM2E-R100
Description  High End GMR Wheel Speed Sensor with direction detection, ASIL B(D)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5046IC-PWM2E-R100 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE5046IC-PWM2E-R100 Datasheet HTML 3Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 4Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 5Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 6Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 7Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 8Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 9Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 10Page - Infineon Technologies AG TLE5046IC-PWM2E-R100 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
3
PWM Protocol
The output has been designed as a two-wire current interface based on a Pulse Width Modulation principle.
Each zero crossing of the magnetic input signal triggers an output pulse indicated by IHigh and ILow current
consumption.
The PWM Protocol is available in two different protocol options: standard TLE5046iC-PWM2 and TLE5046iC-
PWM2E with indication of internal errors by using the warning pulse.
The timing characteristic for TLE5046iC-PWM2 and TLE5046iC-PWM2E is given in the table below:
Figure 3
Signal output pulse
The timing characteristic for TLE5046iC-PWM2 and TLE5046iC-PWM2E is given in the table below:
Table 5
Parameter
Symbol Min.
Typ.
Max.
Unit Note / Test Condition
Pre-low length
tpre-low
38
45
52
µs
Length of Warning pulse
tWarning
38
45
52
µs
Length of DR-L pulse
tDR-L
76
90
104
µs
Length of DR-R pulse
tDR-R
153
180
207
µs
Length of DR-L & EL pulse
tDR-L&EL
306
360
414
µs
Length of DR-R & EL pulse
tDR-R&EL
616
720
828
µs
Output of EL pulse,
maximum frequency
fELmax
-
117
-
Hz
Length of stand still pulse
tStop
1.232
1.4
1.656
ms
Stand still period
TStop
590
737
848
ms
ΔBEL
ΔBEL
345
mT
4*ΔBlimit
ΔBWarning
ΔBWarning
160
mT
2*ΔBlimit
TLE5046iC
Technical product description
3 PWM Protocol
Technical Product Description
7
Revision 2.0
2020-06-30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com