Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS2012 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # FS2012
Description  High Performance Flow Sensor Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS2012 Datasheet(HTML) 5 Page - Renesas Technology Corp

  FS2012 Datasheet HTML 1Page - Renesas Technology Corp FS2012 Datasheet HTML 2Page - Renesas Technology Corp FS2012 Datasheet HTML 3Page - Renesas Technology Corp FS2012 Datasheet HTML 4Page - Renesas Technology Corp FS2012 Datasheet HTML 5Page - Renesas Technology Corp FS2012 Datasheet HTML 6Page - Renesas Technology Corp FS2012 Datasheet HTML 7Page - Renesas Technology Corp FS2012 Datasheet HTML 8Page - Renesas Technology Corp FS2012 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FS2012 Series Datasheet
© 2018 Integrated Device Technology, Inc.
5
August 24, 2018
5. Electrical Characteristics
Table 4.
Electrical Characteristics
Note: See important notes at the end of the table.
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
IVIN
Current Consumption
30
mA
Gas Flow[a], [c], [d], [d]
FNG
Gas Flow Range
FS2012-1020-NG
0.015
2
(2000)
SLPM
(SCCM)
FS2012-1100-NG
0.015
10
(10000)
SLPM
(SCCM)
ENG
Flow Accuracy
FS2012-1020-NG; 0.2 to 2 SLPM,
at 25°C
±2
±5
% Reading
FS2012-1100-NG; 1 to 10 SLPM,
at 25°C
VOUT_ANG
Analog Voltage Output
Min to Max of Flow Range
0
–
5
V
OFFZERO_NG
Analog Zero Offset
0.03
0.045
0.05
V
tSAMPLE_G
Gas Sample Rate
Per measurement
0.4096
Sec
Liquid Flow[a], [b], [c], [d], [d]
FLQ
Liquid Flow
FS2012-1001-LQ
0.025
0.5
(500)
SLPM
(SCCM)
FS2012-1002-LQ
0.025
1.0
(1000)
SLPM
(SCCM)
ELQ
Flow Accuracy
FS2012-1001-LQ; 25 to 500 SCCM, at
25°C
±2
±6
% Reading
FS2012-1002-LQ; 50 to 1000 SCCM, at
25°C
VOUT_ALQ
Analog Voltage Output
Min to Max of Flow Range
0
—
5
V
OFFZERO_LQ
Zero Offset
0.03
0.045
0.05
V
tSAMPLE_L
Liquid Sample Rate
Per measurement
0.7168
Sec
[a] Direction of flow is from P1 In to P2 Out.
[b] Board circuitry is not protected from liquids.
[c] SLPM: Standard liter per minute.
[d] SCCM: Standard cubic centimeter per minute.
[e] Standard Flow Controller Reference: 25°C, 1atm.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com