Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS2012 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # FS2012
Description  High Performance Flow Sensor Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS2012 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button FS2012 Datasheet HTML 2Page - Renesas Technology Corp FS2012 Datasheet HTML 3Page - Renesas Technology Corp FS2012 Datasheet HTML 4Page - Renesas Technology Corp FS2012 Datasheet HTML 5Page - Renesas Technology Corp FS2012 Datasheet HTML 6Page - Renesas Technology Corp FS2012 Datasheet HTML 7Page - Renesas Technology Corp FS2012 Datasheet HTML 8Page - Renesas Technology Corp FS2012 Datasheet HTML 9Page - Renesas Technology Corp FS2012 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
FS2012 Series Datasheet
© 2018 Integrated Device Technology, Inc.
8
August 24, 2018
10. Package Drawings and Land Pattern
The package outline drawings are appended at the end of this document and are accessible from the link below. The package information is
the most current data available.
https://www.idt.com/document/psc/fs2012-package-outline-drawing-5280-x-3317-mm-body-254-mm-pitch-mod0
11. Ordering Information
Note: The part code depends on the application. In the part code, NG refers to “non-corrosive gas” and LQ refers to “liquid.”
For NG parts, the calibration gas is nitrogen. Other calibration gases are available on request.
For LQ parts, the calibration fluid is DI water.
Orderable Part Number
Description and Package
Carrier Type
Temperature
FS2012-1020-NG
0 to 2 SLPM calibrated gas flow sensor mounted on a circuit
board with a flow housing; digital I2C and analog output
Box
0°C to +85°C
FS2012-1100-NG
0 to 10 SLPM calibrated gas flow sensor mounted on a circuit
board with a flow housing; digital I2C and analog output
Box
0°C to +85°C
FS2012-1001-LQ
0 to 0.5 SLPM (500 SCCM) calibrated liquid flow sensor mounted
on a circuit board with a flow housing; digital I2C and analog
output
Box
0°C to +85°C
FS2012-1002-LQ
0 to 1.0 SLPM (1000 SCCM) calibrated liquid flow sensor
mounted on a circuit board with a flow housing; digital I2C and
analog output
Box
0°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com