Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS2012 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # FS2012
Description  High Performance Flow Sensor Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS2012 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button FS2012 Datasheet HTML 2Page - Renesas Technology Corp FS2012 Datasheet HTML 3Page - Renesas Technology Corp FS2012 Datasheet HTML 4Page - Renesas Technology Corp FS2012 Datasheet HTML 5Page - Renesas Technology Corp FS2012 Datasheet HTML 6Page - Renesas Technology Corp FS2012 Datasheet HTML 7Page - Renesas Technology Corp FS2012 Datasheet HTML 8Page - Renesas Technology Corp FS2012 Datasheet HTML 9Page - Renesas Technology Corp FS2012 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
FS2012 Series Datasheet
© 2018 Integrated Device Technology, Inc.
7
August 24, 2018
Example:
Output data = 1F 2A (hex)
Then = (1F + 2A) = 1F2A = 7978 (decimal)
Flow (Liquid) = 7978/10 = 797.80 SCCM
9. Analog Output
The voltage output is ratiometric to the full scale span. Use the following conversion for the range examples.
Gas (SLPM)
Typical OFFZERO_NG = 0.045V
0 to 2 SLPM: Flow = 0.4
[Output (V) – OFFZERO_NG]
0 to 10 SLPM: Flow = 2
[Output (V) – OFFZERO_NG]
Liquid (SCCM)
Typical OFFZERO_LQ = 0.045V
0 to 500 SCCM: Flow = 100
[Output (V) – OFFZERO_LQ]
0 to 1000 SCCM: Flow = 200
[Output (V) – OFFZERO_LQ]
Figure 2. Analog Output Example



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com