Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS2012 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # FS2012
Description  High Performance Flow Sensor Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS2012 Datasheet(HTML) 1 Page - Renesas Technology Corp

  FS2012 Datasheet HTML 1Page - Renesas Technology Corp FS2012 Datasheet HTML 2Page - Renesas Technology Corp FS2012 Datasheet HTML 3Page - Renesas Technology Corp FS2012 Datasheet HTML 4Page - Renesas Technology Corp FS2012 Datasheet HTML 5Page - Renesas Technology Corp FS2012 Datasheet HTML 6Page - Renesas Technology Corp FS2012 Datasheet HTML 7Page - Renesas Technology Corp FS2012 Datasheet HTML 8Page - Renesas Technology Corp FS2012 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
High Performance Flow Sensor Module
FS2012 Series
Datasheet
© 2018 Integrated Device Technology, Inc.
1
August 24, 2018
Description
The FS2012 mass flow sensor module measures the flow across a
sensing surface using the thermo-transfer (calorimetric) principle.
The FS2012 is capable of measuring gas or liquid medium.
The FS2012 offers key advantages over other flow solutions. The
sensor utilizes series of MEMS thermocouples, which provide
excellent signal-to-noise ratio. The solid thermal isolation along
with the silicon-carbide film coating offers excellent abrasive wear
resistance and long-term reliability.
The high temperature material used in the flow channel housing
and base allows for a wide operating temperature.
Wetted materials consist of a glass fiber-reinforced PA66 resin,
epoxy, and silicon carbide.
Typical Applications
Process controls and monitoring
Oil and gas leak detection
HVAC and air control systems
CPAP and respiratory devices
Liquid dispensing systems
Features
Gas or liquid mediums
Robust solid isolation technology
Resistant to surface contamination
No cavity to cause clogging
Resistant to vibration and pressure shock
Low-power application
High-temperature flow housing
Analog output: 0V to 5V
Digital output: I2C
Supply voltage: 5V
Module operating temperature range: 0°C to +85°C
52.8 x 24.0 mm module with 6-pin header
FS2012 Flow Sensor Module


Similar Part No. - FS2012

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
FS2012 IDT-FS2012 Datasheet
397Kb / 9P
High Performance Flow Sensor Module
FS2012-1001-LQ IDT-FS2012-1001-LQ Datasheet
397Kb / 9P
High Performance Flow Sensor Module
FS2012-1002-LQ IDT-FS2012-1002-LQ Datasheet
397Kb / 9P
High Performance Flow Sensor Module
FS2012-1020-NG IDT-FS2012-1020-NG Datasheet
397Kb / 9P
High Performance Flow Sensor Module
FS2012-1100-NG IDT-FS2012-1100-NG Datasheet
397Kb / 9P
High Performance Flow Sensor Module
More results

Similar Description - FS2012

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
FS2012 IDT-FS2012 Datasheet
397Kb / 9P
High Performance Flow Sensor Module
logo
Renesas Technology Corp
FS1023 RENESAS-FS1023 Datasheet
439Kb / 7P
Liquid Flow Sensor Module
FS1025 RENESAS-FS1025 Datasheet
715Kb / 6P
Liquid Flow Sensor Module
FS1027 RENESAS-FS1027 Datasheet
567Kb / 6P
Liquid Flow Sensor Module
FS1023-DG RENESAS-FS1023-DG Datasheet
534Kb / 11P
Gas Flow Sensor Module
FS1025-DG RENESAS-FS1025-DG Datasheet
544Kb / 11P
Gas Flow Sensor Module
FS1027-DG RENESAS-FS1027-DG Datasheet
532Kb / 11P
Gas Flow Sensor Module
FS1023-DL RENESAS-FS1023-DL Datasheet
481Kb / 12P
Liquid Flow Sensor Module
08/30/2022
FS1027-DL RENESAS-FS1027-DL Datasheet
491Kb / 12P
Liquid Flow Sensor Module
Jul 1, 2021
logo
Sciosense B.V.
UFM-01 SCIOSENSE-UFM-01 Datasheet
1Mb / 2P
Ultrasonic Flow Sensor Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com