Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF3074FST Datasheet(PDF) 3 Page - 3M Electronics

Part # AF3074FST
Description  3M??Scotch-Weld??AF 3074 FST
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF3074FST Datasheet(HTML) 3 Page - 3M Electronics

  AF3074FST Datasheet HTML 1Page - 3M Electronics AF3074FST Datasheet HTML 2Page - 3M Electronics AF3074FST Datasheet HTML 3Page - 3M Electronics AF3074FST Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data Sheet
3M™ Scotch-Weld™ AF 3074 FST
Flammability, Smoke Density and Toxic Gas Emission
All specimens for flammability, smoke density and toxic gas emission tests had a thickness of 0.25in.
Flammability Properties
Requirements
Cure Cycle 1
Cure Cycle 2
Flammability 12 sec vertical
FAR/JAR/CS 25.853(a)
App F, part I(a)(1)(ii)
Sample size: 300 x 75 x 6,35 mm³
Burn Length
≤ 200 mm
60 mm
----
After Flame Time
≤ 15 sec
3 sec
----
Drips Exting Time
≤ 5 sec
0 sec
----
Smoke Emission
FAR/JAR/CS
25.853(d) App F, part V(b)
DS max in 4 min.
≤ 200 Ds Max
131 Ds
----
Toxic Gas Emission
Airbus ABD0031
Sample size: 75 x 75 x 6,35 mm³
HF (flaming)
≤ 100 ppm
0 ppm
----
HCL (flaming)
≤ 150 ppm
0 ppm
----
HCN (flaming)
≤ 150 ppm
18 ppm
----
SO2 + H2S (flaming)
≤ 100 ppm
11 ppm
----
CO (flaming)
≤ 1000 ppm
390 ppm
----
NO + NO2 (flaming)
≤ 100 ppm
44 ppm
----
Data are typical values and cannot be taken for specification purpose.
All Data were generated in standalone test mode.
Handling, Application, Storage
I. Precautionary Information
Refer to product label and Safety Data Sheet (SDS) for health and safety information before using this product.
For SDS visit our website https://www.3m.com/3M/en_US/company-us/SDS-search/.
II. Instructions for Use
A. Surface Preparation
A thoroughly cleaned, dry, grease-free surface is essential for maximum performance. For repeatable
behavior and results the material and the substrates should be in the range of 68-77°F (20-25°C) object
temperature. Caution: Use adequate respiratory, eye and skin protection when using etch solutions.
B. Film Application
Care must be taken when handling AF 3074 FST at low temperatures because it can easily crack. Warm
AF 3074 FST to ambient conditions in the sealed package to prevent moisture condensation on the
adhesive surface.
1. Cut portion of film to be used with protective liners in place
2. Remove liner from one side of the film.
3. Place film using the remaining liner as a protective cover.
4. Avoid air entrapments between film and the surface. On metal surfaces, for example, the film
can be rolled into position with a rubber roller
5. Remove second protective liner
6. Assemble parts and cure



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com