Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF3074FST Datasheet(PDF) 1 Page - 3M Electronics

Part # AF3074FST
Description  3M??Scotch-Weld??AF 3074 FST
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF3074FST Datasheet(HTML) 1 Page - 3M Electronics

  AF3074FST Datasheet HTML 1Page - 3M Electronics AF3074FST Datasheet HTML 2Page - 3M Electronics AF3074FST Datasheet HTML 3Page - 3M Electronics AF3074FST Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
March 2018
3M™ Scotch-Weld™ AF 3074 FST
Structural Core Splice Film
Preliminary Technical Data Sheet
Product Description
3M™ Scotch-Weld™ AF (Adhesive Film) 3074 FST (Fire Smoke and Toxicity) is an epoxy based, 250°F to 350°F
(120°C to 180°C) curable, structural core splice adhesive film which expands during cure. AF 3074 FST was designed
for typical aircraft applications in interior and structural areas, e.g. filling mismatch areas or reinforcing and splicing
honeycomb core.
Key Features
•
High and repeatable expansion rate
•
Flame retardant acc. FAR/JAR/CS 25.853(a) App F, part I(a)(1)(ii).
•
Compatible with 250°F and 350°F (120°C to 180°C) cure cycles
•
Wide in- service temperature range from -67°F up to 275°F (-55°C up to 135°C)
•
Extended shop and shelf life at room temperature
Product Characterization
Note: The following technical information and data should be considered as representative or typical only and should not
be used for specification purposes.
General Properties
30 mil version
50 mil version
Test Method
Color
Gray
Gray
Chemical base
Epoxy
Epoxy
Form
Unsupported film
Unsupported film
Liners
Polyethylene (blue)
Polyester (red)
Polyethylene (yellow)
Polyester (red)
Thickness
30 mil
(0.76 mm)
50 mil
(1,27 mm)
prEN 2667-3
Mass per unit area
0.184 lb/ft2
(900 g/m²)
0.328 lb/ft²
(1600 g/m²)
prEN 2667-3
Volatiles content (120 °C cure)
< 1 wt.%
< 1 wt.%
prEN 2667-3
Available packaging sizes
Sheets (12 x 16 in)
(300 x 400 mm)
Sheets (12 x 16 in)
(300 x 400 mm


Similar Part No. - AF3074FST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AF30 ETC2-AF30 Datasheet
85Kb / 1P
CPRIIRNCTEUDI TCI RICMUPITR BIMOA횋RD
logo
3M Electronics
AF30 3M-AF30 Datasheet
42Kb / 12P
3m Scotch-WeldTM Structural Adhesive Film
Jun-2002
logo
ABB
AF30-30-00-11 ABB-AF30-30-00-11 Datasheet
55Kb / 3P
AF30-30-00-11 24-60V50/60HZ 20-60VDC Contactor
AF30-30-00-12 ABB-AF30-30-00-12 Datasheet
55Kb / 3P
AF30-30-00-12 48-130V50/60HZ-DC Contactor
AF30-30-00-13 ABB-AF30-30-00-13 Datasheet
55Kb / 3P
AF30-30-00-13 100-250V50/60HZ-DC Contactor
More results

Similar Description - AF3074FST

ManufacturerPart #DatasheetDescription
logo
3M Electronics
DP600NS 3M-DP600NS Datasheet
343Kb / 12P
3M™ Scotch-Weld™ Urethane
using
DP640 3M-DP640 Datasheet
148Kb / 6P
3M™ Scotch-Weld™ Urethane Adhesive
Feb-2019
1838B 3M-1838B Datasheet
140Kb / 6P
3M™ Scotch-Weld™ Epoxy Adhesive
Feb-2016
EC-3542 3M-EC-3542 Datasheet
279Kb / 6P
3M™ Scotch-Weld™ Epoxy Adhesive
Dec-2020
EC-2815 3M-EC-2815 Datasheet
291Kb / 7P
3M??Scotch-Weld??Epoxy Adhesive
7246-2 3M-7246-2 Datasheet
533Kb / 4P
3M™ Scotch-Weld 7246-2 B/A FST
EC-5816 3M-EC-5816 Datasheet
220Kb / 4P
3M??Scotch-Weld??Elastomeric Coating
EC-3549 3M-EC-3549 Datasheet
369Kb / 5P
3M??Scotch-Weld??Urethane Adhesive
EC-3501 3M-EC-3501 Datasheet
328Kb / 6P
3M™ Scotch-Weld™ Epoxy Adhesives
Dec-2020
AF143-2 3M-AF143-2 Datasheet
205Kb / 4P
3M Scotch-Weld™ Structural Adhesive Film AF 143-2
Aug-2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com