Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF3074FST Datasheet(PDF) 4 Page - 3M Electronics

Part # AF3074FST
Description  3M??Scotch-Weld??AF 3074 FST
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF3074FST Datasheet(HTML) 4 Page - 3M Electronics

  AF3074FST Datasheet HTML 1Page - 3M Electronics AF3074FST Datasheet HTML 2Page - 3M Electronics AF3074FST Datasheet HTML 3Page - 3M Electronics AF3074FST Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Technical Data Sheet
3M™ Scotch-Weld™ AF 3074 FST
C. Suggested Cure Cycle
Normally, AF 3074 FST will begin to cure when a temperature of about 230-239°F (110-115°C) is
reached. A minimum cure temperature of 248°F (120°C) is suggested to effect a full cure in reasonable
time, e.g. 60 minutes. NOTE: The curing cycle will have an influence on the expansion ratio.
D. Storage
This product has a shelf life of 6 months from date of manufacturing in the sealed protective bag. At
least 5 out of these 6 months, the product must be stored at 0°F (-18°C) or below. Accordingly, the
maximum shelf life at room temperature is 1 months in the sealed protective bag. Our data indicate, that
no loss in mechanical properties is obtained after 20 days storage at room temperature outside the
protective bag. The liners should be removed immediately before use only, in order to slow down
moisture absorption.
Additional Information
In the U.S. call toll free 1-800-235-2376, or fax 1-800-435-3082 or 651-737-2171. For U.S. Military, call 1-866-556-
5714. If you are outside of the U.S., please contact your nearest 3M representative.
*These products were manufacture under a 3M Quality Management System registered to the AS9100 standard
Automotive & Aerospace Solutions Division
3M Center
St. Paul, MN 55144-1000
Phone 1-800-328-1684
Web www.3M.com/aerospace
AF 3074 FST
Issue date: 3/2018
3M and Scotch-Weld are trademarks of 3M Company
© 3M 2018. All rights reserved.
Technical Information: The technical information, recommendations and other statements contained in this document are based upon tests or experience that 3M
believes are reliable, but the accuracy or completeness of such information is not guaranteed. Product Use: Many factors beyond 3M’s control and uniquely within
user’s knowledge and control can affect the use and performance of a 3M product in a particular application. Given the variety of factors that can affect the use and
performance of a 3M product, user is solely responsible for evaluating the 3M product and determining whether it is fit for a particular purpose and suitable for user’s
method of application. Warranty, Limited Remedy, and Disclaimer: Unless an additional warranty is specifically stated on the applicable 3M product packaging or
product literature, 3M warrants that each 3M product meets the applicable 3M product specification at the time 3M ships the product. 3M MAKES NO OTHER
WARRANTIES OR CONDITIONS, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OR CONDITION OF MERCHANTABILITY
OR FITNESS FOR A PARTICULAR PURPOSE OR ANY IMPLIED WARRANTY OR CONDITION ARISING OUT OF A COURSE OF DEALING, CUSTOM OR USAGE OF
TRADE. If the 3M product does not conform to this warranty, then the sole and exclusive remedy is, at 3M’s option, replacement of the 3M product or refund of the
purchase price. Limitation of Liability: Except where prohibited by law, 3M will not be liable for any loss or damage arising from the 3M product, whether direct,
indirect, special, incidental or consequential, regardless of the legal theory asserted, including warranty, contract, negligence or strict liability.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com