Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF3074FST Datasheet(PDF) 2 Page - 3M Electronics

Part # AF3074FST
Description  3M??Scotch-Weld??AF 3074 FST
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF3074FST Datasheet(HTML) 2 Page - 3M Electronics

  AF3074FST Datasheet HTML 1Page - 3M Electronics AF3074FST Datasheet HTML 2Page - 3M Electronics AF3074FST Datasheet HTML 3Page - 3M Electronics AF3074FST Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data Sheet
3M™ Scotch-Weld™ AF 3074 FST
Product Characterization
The following product performance data were obtained with the 50 mil version of Scotch-Weld™ AF 3074 FST using
two different cure cycles:
Cure Cycle A: 60 minutes at 257°F (125°C), heat-up rate 5-7°F/min (3-4°C/min), atmospheric pressure
Cure Cycle B: 30 minutes at 320°F (160°C), hot-in/hot-out, atmospheric pressure
Properties of Cured Film
Cure Cycle A
Cure Cycle B
Test Method
Expansion during cure
~ 225 %
~ 125 %
prEN 2667-3
Vertical slump
0.02 in
(0,6 mm)
0.01 in
(0,3 mm)
prEN 2667-4
Density of cured film(a)
< 0.50 g/cm³
----
----
(a) free expansion
Tube Shear Strength
The tube shear strength was determined on ScotchWeld™ AF 3074 FST using the procedures outlined in prEN 2667-2.
55g ± 0.2g were placed between the walls of two 9in (230mm) long tubes. After curing under atmospheric pressure,
the tubes were cut to individual specimens of 0.5in (12.5mm) height. Tube shear resistance was calculated by the
following formula: σ [MPa] = F ÷ πdinnerh
Outer and inner tubes: 12.5 mm height, aluminum alloy 5052-0 bare.
Outer tube: diameter 25.0 mm, thickness 1.25 mm.
Inner tube: diameter 12.5 mm, thickness 1.25 mm.
Tube shear strength
prEN 2667-2
Test temperature
Cure Cycle A
-67°F
(-55°C)
1883 PSI
(13 MPa)
73°F
(23°C)
1883 PSI
(13 MPa)
176°F
(80°C)
1738 PSI
(12 MPa)
275°F
(135°C)
1014 PSI
(7 MPa)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com