Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3018BA2D Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # ZSSC3018BA2D
Description  Versatile, High Resolution 18-Bit Sensor Signal Conditioner
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3018BA2D Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button ZSSC3018BA2D Datasheet HTML 28Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 29Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 30Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 31Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 32Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 33Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 34Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 35Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
ZSSC3018 Datasheet
© 2020 Renesas Electronics Corporation
32
September 8, 2020
MTP Address
Word / Bit
Range
Default
Setting
Description
Notes / Explanations
14:12
000BIN
CYC_period
Update period (ZSSC3018 sleep time, except oscillator) in
cyclic operation:
000  not assigned
001  125ms
010  250ms
011  500ms
100  1000ms
101  2000ms
110  4000ms
111  not assigned
15
0BIN
SOT_curve
Type / shape of second-order curve correction for the
sensor signal.
0  parabolic curve
1  s-shaped curve
Signal Conditioning Parameters
03HEX
15:0
0000HEX
Offset_S[15:0]
Bits [15:0] of the 24-bit sensor offset correction coefficient
Offset_S. (The MSBs of this coefficient including sign are
Offset_S[23:16], which is bits [15:8] in 0DHEX.)
04HEX
15:0
0000HEX
Gain_S[15:0]
Bits [15:0] of the 24-bit value of the sensor gain coefficient
Gain_S. (The MSBs of this coefficient including sign are
Gain_S[23:16], which is bits [7:0] in 0DHEX.)
05HEX
15:0
0000HEX
Tcg[15:0]
Bits [15:0] of the 24-bit coefficient Tcg for the temperature
correction of the sensor gain. (The MSBs of this coefficient
including sign are Tcg[23:16], which is bits [15:8] in 0EHEX.)
06HEX
15:0
0000HEX
Tco[15:0]
Bits [15:0] of the 24-bit coefficient Tco for temperature
correction of the sensor offset. (The MSBs of this coefficient
including sign are Tco[23:16], which is bits [7:0] in 0EHEX.)
07HEX
15:0
0000HEX
SOT_tco[15:0]
Bits [15:0] of the 24-bit 2nd order term SOT_tco applied to
Tco. (The MSBs of this term including sign are
SOT_tco[23:16], which is bits[15:8] in 0FHEX.)
08HEX
15:0
0000HEX
SOT_tcg[15:0]
Bits [15:0] of the 24-bit 2nd order term SOT_tcg applied to
Tcg. (The MSBs of this term including sign are
SOT_tcg[23:16], which is bits[7:0] in 0FHEX.)
09HEX
15:0
0000HEX
SOT_sens[15:0]
Bits [15:0] of the 24-bit 2nd order term SOT_sens applied to
the sensor readout.
(The MSBs of this term including sign are SOT_sens[23:16],
which is bits[15:8] in 10HEX.)
0AHEX
15:0
0000HEX
Offset_T[15:0]
Bits [15:0] of the 24-bit temperature offset correction
coefficient Offset_T. (The MSBs of this coefficient including
sign are Offset_T[23:16], which is bits[7:0] in 10HEX.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com