Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3018BA2D Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ZSSC3018BA2D
Description  Versatile, High Resolution 18-Bit Sensor Signal Conditioner
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3018BA2D Datasheet(HTML) 1 Page - Renesas Technology Corp

  ZSSC3018BA2D Datasheet HTML 1Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 2Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 3Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 4Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 5Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 6Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 7Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 8Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
Versatile, High Resolution 18-Bit
Sensor Signal Conditioner
ZSSC3018
Datasheet
© 2020 Renesas Electronics Corporation
1
September 8, 2020
Brief Description
The ZSSC3018 is a sensor signal conditioner (SSC) integrated
circuit for high-accuracy amplification and analog-to-digital
conversion of differential or pseudo-differential input signals.
Designed for high-resolution sensor module applications, the
ZSSC3018 can perform offset, span, and 1st and 2nd order
temperature compensation of the measured signal. Developed for
correction of resistive bridge or absolute voltage sensors, it can
also provide a corrected temperature output measured with an
internal sensor.
The measured and corrected sensor values are provided at the
digital output pins, which can be configured as I2C (≤3.4MHz) or
SPI (≤ 10MHz). Digital compensation of signal offset, sensitivity,
temperature, and non-linearity is accomplished via a 26-bit internal
digital signal processor (DSP) running a correction algorithm.
Calibration coefficients are stored on-chip in a highly reliable, non-
volatile, multiple-time programmable (MTP) memory. Programming
the ZSSC3018 is simple via the serial interface. The interface is
used for the PC-controlled calibration procedure, which programs
the set of calibration coefficients in memory. The ZSSC3018
provides accelerated signal processing, increased resolution, and
improved noise immunity in order to support high-speed control,
safety, and real-time sensing applications with the highest
requirements for energy efficiency.
Features
Flexible, programmable analog front-end design; up to 18-bit
analog-to-digital converter (ADC)
Fully programmable gain amplifier with gain range from 6.6 to
216 (linear)
Internal auto-compensated temperature sensor
Digital compensation of individual sensor offset; 1st and 2nd
order digital compensation of sensor gain as well as of 1st
and 2nd order temperature gain and offset drift
Programmable interrupt operation
High-speed sensing: e.g., 16-bit conditioned sensor signal
measurement rate >500s-1
Typical sensor system can achieve an accuracy of better than
±
0.10% FSO* @ -40 to 125°C
Benefits
Integrated 26-bit calibration math DSP
Fully corrected signal at digital output
Layout customized for die-die bonding with sensor for high-
density chip-on-board assembly
One-pass calibration minimizes calibration costs
No external trimming, filter, or buffering components required
Highly integrated CMOS design
Integrated reprogrammable non-volatile memory
Excellent for low-voltage and low-power battery applications
Optimized for operation in calibrated resistive sensor
(e.g., pressure) or calibrated absolute voltage sensor
(e.g., thermopile) modules
Physical Characteristics
Supply voltage range: 1.68V to 3.6V
Current consumption: ~1.0mA (typical) in operating mode
Sleep Mode current: 50nA (typical) at
125°C; 20nA (typical)
at
85°C
Temperature resolution: <0.003K/LSB
Best-in-class energy-efficiency:
with 16-bit resolution: <140pJ/step
with 18-bit resolution: <50pJ/step
Operation temperature: –40°C to +125°C
Delivery options: die or 24-PQFN (4 x 4 mm) package
* FSO = Full Scale Output.
ZSSC3018 Application Example
Sensor Bridge
EOC
GND
VDD
ZSSC3018
MISO
SCLK/SCL
SS
MOSI/SDA
24-PQFN


Similar Part No. - ZSSC3018BA2D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSSC3018BA2D IDT-ZSSC3018BA2D Datasheet
1Mb / 50P
Versatile, High Resolution 18-Bit Sensor Signal Conditioner
More results

Similar Description - ZSSC3018BA2D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSSC3036 ETC2-ZSSC3036 Datasheet
1Mb / 49P
Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
ZSSC3016 ETC2-ZSSC3016 Datasheet
3Mb / 45P
Low Power, High Resolution 16-Bit Sensor Signal Conditioner
ZSSC3026 ETC2-ZSSC3026 Datasheet
3Mb / 47P
Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3027 IDT-ZSSC3027 Datasheet
764Kb / 46P
Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
ZSSC3018 IDT-ZSSC3018 Datasheet
1Mb / 50P
Versatile, High Resolution 18-Bit Sensor Signal Conditioner
ZSSC3218 IDT-ZSSC3218 Datasheet
916Kb / 55P
High-End 18-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3026 RENESAS-ZSSC3026 Datasheet
850Kb / 52P
Low Power, High Resolution 16-Bit Sensor Signal Conditioner
ZSSC3027 RENESAS-ZSSC3027 Datasheet
905Kb / 47P
Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
ZSSC3036 RENESAS-ZSSC3036 Datasheet
908Kb / 49P
Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
ZSSC3218 RENESAS-ZSSC3218 Datasheet
1Mb / 56P
High-End 18-Bit Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com