Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3018BA2D Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # ZSSC3018BA2D
Description  Versatile, High Resolution 18-Bit Sensor Signal Conditioner
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3018BA2D Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button ZSSC3018BA2D Datasheet HTML 35Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 36Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 37Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 38Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 39Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 40Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 41Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 42Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
ZSSC3018 Datasheet
© 2020 Renesas Electronics Corporation
39
September 8, 2020
3.7 Calibration Sequence
Calibration essentially involves collecting raw signal and temperature data from the sensor-ZSSC3018 system for different known sensor-
element values (i.e., a resistive bridge or an absolute voltage source) and temperatures. This raw data can then be processed by the calibration
master (assumed to be the user’s computer), and the calculated calibration coefficients can then be written to on-chip memory.
Here is a brief overview of the three main steps involved in calibrating the ZSSC3018.
Assigning a unique identification to the ZSSC3018. This identification is written to shadow RAM and programmed in MTP memory. This unique
identification can be stored in the two 16-bit registers dedicated to the customer ID (00HEX and 01HEX; see Table 3.5). It can be used as an index
into a database stored on the calibration computer. This database will contain all the raw values of the connected sensor-element readings and
temperature readings for that part, as well as the known sensor-element measurand conditions and temperature to which the sensor-element
was exposed.
Data collection. Data collection involves getting uncorrected or raw data from the external sensor at different known measurand values and
temperatures. Then this data is stored on the calibration computer using the unique identification of the device as the index to the database.
Coefficient calculation and storage in MTP memory. After enough data points have been collected to calculate all the desired coefficients, the
coefficients can be calculated by the calibrating computer. Then the coefficients can be programmed to the MTP memory.
Result. The sensor signal and the characteristic temperature effect on output will be linearized according to the setup-dependent maximum
output range.
It is essential to perform the calibration with a fixed programming setup during the data collection phase. In order to prevent any accidental
incorrect processing, it is further recommended that the MTP memory setup is kept stable during the whole calibration process as well as in the
subsequent operation. A ZSSC3018 calibration only fits the setup used during its calibration. Changes of functional parameters after a
successful calibration can decrease the precision and accuracy performance of the ZSSC3018 as well as of the whole application.
Note: The ZSSC3018 supports operation with different sensor setups via the SM_config1 and SM_config2 registers. However, only one
calibration coefficient set is supported. Therefore, either an alternative ZSSC3218-external signal calibration using the alternate SM_config
settings must also be performed to ensure that the programmed SSC coefficients are valid for both setups, or a full reprogramming of the SSC
coefficients must be performed each time the sensor setup is changed. The selection of the external sensor setup (i.e., the AFE configuration)
can be done with the interface commands B0HEX and B1HEX.
3.7.1 Calibration Step 1 – Assigning Unique Identification
Assign a unique identification number to the ZSSC3018 by using the memory write command (40HEX + data and 41HEX + data; see Table 3.1
and Table 3.5) to write the identification number to Cust_ID0 at memory address 00HEX and Cust_ID1 at address 01HEX as described in section
3.6.1. These two 16-bit registers allow for more than 4 billion unique devices.
3.7.2 Calibration Step 2 – Data Collection
The number of unique points (measurand and/or temperature) at which calibration must be performed generally depends on the requirements
of the application and the behavior of the sensor in use. The minimum number of points required is equal to the number of correction coefficients
to be corrected with a minimum of three different temperatures at three different sensor values. For a full calibration resulting in values for all 7
possible (external) sensor coefficients and 3 possible temperature coefficients, a minimum of 7 pairs of sensor with temperature measurements
must be collected.
Within this minimum field of 3 measurand measurements x 3 temperature measurements, data must be collected for the specific value pairs (at
known conditions) and then processed to calculate the coefficients. In order to obtain the potentially best and most robust coefficients, it is
recommended that measurement pairs (temperature vs. measurand) be collected at the outer corners of the intended operation range or at
least at points that are located far apart. It is also essential to provide highly precise reference values as nominal, expected values. The
measurement precision of the external calibration-measurement equipment should be ten times more accurate than the expected ZSSC3018
output accuracy after calibration in order to avoid accuracy losses caused by the nominal reference values (e.g., measurand signal and
temperature deviations).
Note: The coefficients SENS_shift and T_shift must not be determined during this calibration step.
Strong recommendation: Set these coefficients to zero until after initial calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com