Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3018BA2D Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ZSSC3018BA2D
Description  Versatile, High Resolution 18-Bit Sensor Signal Conditioner
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3018BA2D Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ZSSC3018BA2D Datasheet HTML 10Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 11Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 12Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 13Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 14Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 15Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 16Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 17Page - Renesas Technology Corp ZSSC3018BA2D Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
ZSSC3018 Datasheet
© 2020 Renesas Electronics Corporation
14
September 8, 2020
Table 2.5 ADC Offset Shift
Offset Shift in ADC
SM_config Bit 15
(Shift_method)
Offset:
SM_config
Bit 14
Offset:
SM_config
Bit 13
Offset:
SM_config
Bit 12
GainADC
ADC Offset Shift of Input Signal as a
Percent of Full Scale
0
0
0
0
1
0%
1
0
0
0
2
0%
1
0
0
1
2
6.75%
1
0
1
0
2
12.50%
1
0
1
1
2
19.25%
1
1
0
0
2
25.00%
1
1
0
1
2
31.75%
1
1
1
0
2
38.50%
1
1
1
1
2
43.25%
Important: If the required configuration is no offset shift and no additional gain factor (and therefore GainADC = 1), then the only valid settings
are Shift_method = 0 and Offset = 000 in SM_config. Any other setup using Shift_method = 0 combined with Offset ≠ 000 leads to erroneous
analog setups.
The setting for ADC resolution for the external sensor (bridge or voltage-source sensor) affects the typical measurement duration and noise
performance as shown in Table 2.6 for the example of a bridge sensor measurement using the “Measure” command (AAHEX; see section 3.4.1).
See section 3.2 for definitions of measurement types AZSM, SM, AZTM, and TM.
Table 2.6 Typical Conversion Times versus Noise Performance with Full Sensor Signal Conditioning
for Measurement Including AZSM, SM, AZTM, and TM (Bridge-Type Sensor)
Note: See important table notes at the end of this table.
ADC Resolution: Internal
Temperature Sensor
ADC Resolution: External
Sensor
Typical Measurement Duration[a],
MEASURE, (AAHEX)
[ms]
Typical 3-Sigma Noise for
SSC-Corrected Output[b]
[counts]
16
12
2.2
2.4
16
13
2.3
2.5
16
14
2.4
3.0
16
15
2.6
4.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com