Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150GEG2-R Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ZSC31150GEG2-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31150GEG2-R Datasheet(HTML) 1 Page - Renesas Technology Corp

  ZSC31150GEG2-R Datasheet HTML 1Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 2Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 3Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 4Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 5Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 6Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 7Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 8Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Fast Automotive Sensor Signal Conditioner
ZSC31150
Datasheet
© 2016 Integrated Device Technology, Inc.
1
December 6, 2016
Brief Description
The ZSC31150 is a CMOS integrated circuit for highly accurate
amplification and sensor-specific correction of bridge sensor
signals. Digital compensation of sensor offset, sensitivity,
temperature drift, and non-linearity is accomplished via an internal
16-bit RISC microcontroller running a correction algorithm, with
calibration coefficients stored in an EEPROM.
The ZSC31150 is adjustable to nearly all bridge sensor types.
Measured values are provided at the analog voltage output or at
the digital ZACwire™ and I2C interface. The digital interface can
be used for a simple PC-controlled calibration procedure in order
to program a set of calibration coefficients into an on-chip
EEPROM. A specific sensor and a ZSC31150 can be mated
digitally: fast, precise, and without the cost overhead associated
with trimming by external devices or a laser.
Features
Digital compensation of sensor offset, sensitivity,
temperature drift, and non-linearity
Adjustable to nearly all bridge sensor types
Analog gain of up to 420
Output options: ratiometric analog voltage output (5% to 95%
maximum, 12.4-bit resolution) or ZACwire™ (digital one-wire-
interface)
Temperature compensation: internal or external diode, bridge
resistance, thermistor
Sensor biasing by voltage or constant current
Sample rate: up to 7.8kHz
High voltage protection up to 33V
Supply current: max. 5.5mA
Reverse polarity and short-circuit protection
Wide operation temperature depending on part number: up to
-40°C to +150°C
Traceability by user-defined EEPROM entries
Safety and diagnostic functions
Benefits
No external trimming components required
Only a few external protection devices needed
PC-controlled configuration and single pass calibration via
I2C or ZACwire™ interface: simple, cost efficient, quick, and
precise
End-of-line calibration via I2C or ZACwire™ interface
High accuracy (0.25% FSO at -25 to 85°C; 0.5% FSO
at -40°C to 125°C)
Excellent EMC/ESD robustness and AEC-Q100 qualification
Available Support
Evaluation Kits
Application Notes
Mass Calibration System
Physical Characteristics
Supply voltage: 4.5V to 5.5V
Operation temperature: -40°C to 125°C
(-40°C to +150°C extended temperature range)
Available as 14-DFN (5
 4 mm; wettable flanks), SSOP14,
and die
ZSC31150 Application Circuit
2
1
3
4
6
5
7
14
13
12
11
10
8
Serial Interface
Sensor Bridge
SDA
SCL
Out / OWI
GND
VSUPP
C3
47nF
+4.5V to +5.5V
VDDA
VSSA
SDA
SCL
n.c.
VDD
VDDE
IRTEMP
VBR_T
VBP
VBR_B
VBN
AOUT
VSSE
9
C2
100nF
C1
100nF
Temperature Sensor
C5
C4


Similar Part No. - ZSC31150GEG2-R

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSC31150GEG2-R IDT-ZSC31150GEG2-R Datasheet
658Kb / 26P
Fast Automotive Sensor Signal Conditioner
More results

Similar Description - ZSC31150GEG2-R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1455 MAXIM-MAX1455 Datasheet
290Kb / 25P
Low-Cost Automotive Sensor Signal Conditioner
Rev 1; 10/01
logo
Zentrum Mikroelektronik...
ZMD31035 ZMD-ZMD31035 Datasheet
453Kb / 2P
Automotive Sensor Signal Conditioner
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
Sensor Signal Conditioner
ZMD31150 ZMD-ZMD31150 Datasheet
514Kb / 17P
Fast Automotive Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31150FEG1 ETC2-ZSC31150FEG1 Datasheet
614Kb / 24P
Fast Automotive Sensor Signal Conditioner
ZSC31150 ETC2-ZSC31150 Datasheet
663Kb / 25P
Fast Automotive Sensor Signal Conditioner
ZSC31150 ETC2-ZSC31150_12 Datasheet
776Kb / 26P
Fast Automotive Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSC31150 IDT-ZSC31150 Datasheet
658Kb / 26P
Fast Automotive Sensor Signal Conditioner
ZSSC4151 IDT-ZSSC4151 Datasheet
205Kb / 13P
Automotive Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com