Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150GEG2-R Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZSC31150GEG2-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31150GEG2-R Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZSC31150GEG2-R Datasheet HTML 17Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 18Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 19Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 20Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 21Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 22Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 23Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 24Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
ZSC31150 Datasheet
© 2016 Integrated Device Technology, Inc.
21
December 6, 2016
5. Package
5.1 SSOP14 Package
The standard packages of the ZSC31150 are the SSOP14 green package (5.3mm body width) with a lead pitch of 0.65mm and the DFN14
(4mmx5mm) package with a lead pitch of 0.5mm.
For the SSOP14 package markings shown in Figure 5.1, YYWW refers to the last two digits of the year (YY) and two digits for the work-week
designation (WW). XXXXXXXX refers to the lot number.
Figure 5.1 SSOP14 Pin Diagram
VDDE
VDD
N.C.
SCL
SDA
VSSA
VDDA
VSSE
AOUT
VBN
VBR_B
VBP
VBR_T
IRTEMP
5.2 14-DFNPackage
For the 14-DFN package, the pin assignment is the same as in SSOP14. Refer to the ZSC31150 Technical Note – Die and Package
Specifications for a description of package markings.
Figure 5.2 provides the dimensions for the 14-DFN package option, which are based on JEDEC MO-229. The 14-DFN package has wettable
flanks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com