Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150GEG2-R Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ZSC31150GEG2-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31150GEG2-R Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ZSC31150GEG2-R Datasheet HTML 13Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 14Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 15Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 16Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 17Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 18Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 19Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 20Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
ZSC31150 Datasheet
© 2016 Integrated Device Technology, Inc.
17
December 6, 2016
2.8 Failsafe Features, Watchdog and Error Detection
The ZSC31150 detects various possible errors. A detected error is indicated by a change in the internal status in Diagnostic Mode (DM). In
this case, the analog output is set to LOW (minimum possible output value; i.e., the lower diagnostic range LDR) and the output registers of
the digital serial interface are set to a significant error code.
A watchdog oversees the continuous operation of the CMC and the running measurement loop. The operation of the internal clock oscillator
is verified continuously by the oscillator failure detection.
A check of the sensor bridge for broken wires is done continuously by two comparators watching the input voltage of each input (sensor
connection and short check). Additionally, the common mode voltages of the sensor and sensor input short are watched continuously (sensor
aging).
Different functions and blocks in the digital section, e.g. the RAM, ROM, EEPROM, and register content, are watched continuously. Refer to
the ZSC31150 Functional Description for a detailed description of safety features and methods of error indication.
2.9 High Voltage, Reverse Polarity, and Short Circuit Protection
The ZSC31150 is designed for 5V power supply operation.
The ZSC31150 and the connected sensor are protected from overvoltage and reverse polarity damage by an internal supply voltage limiter.
The analog output AOUT can be connected with all potentials (short circuit, over-voltage, and reverse voltage) in the protection range under
all potential conditions at the VDDE and VSSE pins.
All external components (see section 3) are required to guarantee this operation. The protection is not time limited. Refer the ZSC31150
Technical Note – High Voltage Protection for a detailed description of protection cases and conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com