Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150GEG2-R Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ZSC31150GEG2-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31150GEG2-R Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ZSC31150GEG2-R Datasheet HTML 8Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 9Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 10Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 11Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 12Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 13Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 14Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 15Page - Renesas Technology Corp ZSC31150GEG2-R Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
ZSC31150 Datasheet
© 2016 Integrated Device Technology, Inc.
12
December 6, 2016
Table 2.2 Analog Zero Point Shift Ranges (XZC)
PGA gain
aIN
Max. Span VIN_SP
[mV/V]
Offset shift per step
as % of full span
Approximate maximum
offset shift [mV/V]
Approximate maximum
shift [% VIN_SP] (at ± 31)
420
1.8
12.5%
7.8
388%
280
2.7
7.6%
7.1
237%
210
3.6
12.5%
15.5
388%
140
5.4
7.6%
14.2
237%
105
7.1
12.5%
31
388%
70
10.7
7.6%
28
237%
52.5
14.3
12.5%
32
388%
35
21.4
7.6%
57
237%
26.3
28.5
5.2%
52
161%
14
53.75
12.5%
194
388%
9.3
80
7.6%
189
237%
7
107
5.2%
161
161%
2.8
267
0.83%
72
26%
2.3.3 Measurement Cycle
The complete measurement cycle is controlled by the CMC. Depending on EEPROM settings, the multiplexer (MUX) selects the following
input signals in a defined sequence:
Temperature measured by external diode or thermistor, internal pn-junction, or bridge
Internal offset of the input channel (VOFF)
Pre-amplified bridge sensor signal
The cycle diagram in Figure 2.2 shows the basic structure of the measurement cycle. The bridge sensor measurement count can be
configured in EEPROM for a value within n=<1,31>.
After power-on, the startup routine is processed, which performs all measurements needed to acquire an initial valid conditioned sensor
output. After the startup routine, the normal measurement cycle runs.
Note: The “CMV,” “SSC/SCC+” and “SSC/SCC-” measurements are always performed in every cycle independent of the EEPROM
configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com