Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ181 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSZ181
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V operational amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ181 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSZ181 Datasheet HTML 2Page - STMicroelectronics TSZ181 Datasheet HTML 3Page - STMicroelectronics TSZ181 Datasheet HTML 4Page - STMicroelectronics TSZ181 Datasheet HTML 5Page - STMicroelectronics TSZ181 Datasheet HTML 6Page - STMicroelectronics TSZ181 Datasheet HTML 7Page - STMicroelectronics TSZ181 Datasheet HTML 8Page - STMicroelectronics TSZ181 Datasheet HTML 9Page - STMicroelectronics TSZ181 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Iout
Isink (Vout = VCC)
T = 25 °C
10
15
mA
-40 °C < T< 125 °C
7.5
Isource (Vout = 0 V)
T = 25 °C
6
11
-40 °C < T< 125 °C
4
ICC
Supply current (per channel, Vout = VCC/2,
RL > 1 MΩ)
T = 25 °C
0.7
1
mA
-40 °C < T< 125 °C
1.2
AC performance
GBP
Gain bandwidth product
T = 25 °C, RL = 10 kΩ,
CL = 100 pF
2
2.8
MHz
-40 °C < T< 125 °C,
RL = 10 kΩ, CL = 100 pF
1.6
Φm
Phase margin
RL = 10 kΩ, CL = 100 pF
56
degrees
Gm
Gain margin
15
dB
SR
Slew rate (3)
T = 25 °C
2.6
4.5
V/µs
-40 °C < T< 125 °C
2.1
ts
Settling time
To 0.1%, Vin = 1.2 Vpp
550
ns
en
Equivalent input noise voltage density
f = 1 kHz
40
nV/√Hz
f = 10 kHz
40
en-pp
Voltage noise
f = 0.1 to 10 Hz
0.5
µVpp
Cs
Channel separation
f = 1 kHz
120
dB
tinit
Initialization time, G = 100 (4)
T = 25 °C
60
µs
-40 °C < T< 125 °C
100
1. See Section 5.5 Input offset voltage drift over temperature. Input offset measurements are performed on
x100 gain configuration. The amplifiers and the gain setting resistors are at the same temperature.
2. Guaranteed by design.
3. Slew rate value is calculated as the average between positive and negative slew rates.
4. Initialization time is defined as the delay between the moment when supply voltage exceeds 2.2 V and
output voltage stabilization
Table 5. Electrical characteristics at VCC+ = 5 V with VCC- = 0 V, Vicm = VCC/2, T = 25 °C, and RL = 10 kΩ connected to
VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
T = 25 °C
1
25
µV
-40 °C < T< 125 °C
35
ΔVio/ΔT
Input offset voltage drift (1)
-40 °C < T< 125 °C
0.1
µV/°C
Iib
Input bias current (Vout = VCC//2)
T = 25 °C
30
200 (2)
pA
-40 °C < T< 125 °C
300 (2)
Iio
Input offset current (Vout = VCC/2)
T = 25 °C
60
400 (2)
-40 °C < T< 125 °C
600 (2)
TSZ181, TSZ182
Electrical characteristics
DS11863 - Rev 5
page 6/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com