Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ181 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TSZ181
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V operational amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ181 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TSZ181 Datasheet HTML 18Page - STMicroelectronics TSZ181 Datasheet HTML 19Page - STMicroelectronics TSZ181 Datasheet HTML 20Page - STMicroelectronics TSZ181 Datasheet HTML 21Page - STMicroelectronics TSZ181 Datasheet HTML 22Page - STMicroelectronics TSZ181 Datasheet HTML 23Page - STMicroelectronics TSZ181 Datasheet HTML 24Page - STMicroelectronics TSZ181 Datasheet HTML 25Page - STMicroelectronics TSZ181 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
5.9
EMI rejection ration (EMIRR)
The electromagnetic interference (EMI) rejection ratio, or EMIRR, describes the EMI immunity of operational
amplifiers. An adverse effect that is common to many op amps is a change in the offset voltage as a result of RF
signal rectification.
The TSZ18x has been specially designed to minimize susceptibility to EMIRR and show an extremely good
sensitivity. Figure 55. EMIRR on IN+ pin shows the EMIRR IN+, Figure 56. EMIRR on IN- pin shows the EMIRR
IN- of the TSZ18x measured from 10 MHz up to 2.4 GHz.
Figure 55. EMIRR on IN+ pin
Figure 56. EMIRR on IN- pin
5.10
1/f noise
1/f noise, also known as pink noise or flicker noise, is caused by defects, at the atomic level, in semiconductor
devices. The noise is a non-periodic signal and it cannot be calibrated. So for an application requiring precision, it
is extremely important to take this noise into account.
1/f noise is a major noise contributor at low frequencies and causes a significant output voltage offset when
amplified by the noise gain of the circuit. But, the TSZ18x, thanks to its chopper architecture, rejects 1/f noise and
thus makes this device an excellent choice for DC high precision applications.
As shown in Figure 28. Noise 0.1 - 10 Hz vs. time, 0.1 Hz to 10 Hz amplifier voltage noise is only 400 nVpp for a
VCC = 5 V. Figure 29. Noise vs. frequency and Figure 30. Noise vs. frequency and temperature show the voltage
noise density of the amplifier with no 1/f noise on a large bandwith. Figure 57. Noise vs frequency between 0.1
and 10 Hz exhibiting no 1/f noise below depicts noise vs frequency between 0.1 and 10 Hz exhibiting no 1/f noise.
TSZ181, TSZ182
EMI rejection ration (EMIRR)
DS11863 - Rev 5
page 22/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com