Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ181 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TSZ181
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V operational amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ181 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TSZ181 Datasheet HTML 14Page - STMicroelectronics TSZ181 Datasheet HTML 15Page - STMicroelectronics TSZ181 Datasheet HTML 16Page - STMicroelectronics TSZ181 Datasheet HTML 17Page - STMicroelectronics TSZ181 Datasheet HTML 18Page - STMicroelectronics TSZ181 Datasheet HTML 19Page - STMicroelectronics TSZ181 Datasheet HTML 20Page - STMicroelectronics TSZ181 Datasheet HTML 21Page - STMicroelectronics TSZ181 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
Figure 48. Vio cancellation principle
Step 1
Step 1
S tep 1
Step 2
Step 2
S tep 2
Vio
Time
Vio
The low pass filter averages the output value resulting in the cancellation of the Vio offset.
The 1/f noise can be considered as an offset in low frequency and it is canceled like the Vio, thanks to the chopper
technique.
5.1.2
Frequency domain
The frequency domain gives a more accurate vision of chopper-stabilized amplifier architecture.
Figure 49. Block diagram in the frequency domain
Vinn
Vi np
Vos + Vn
Chop1
A(f)
Chop2
Filter
A(f)
Vout
1
2
3
4
The modulation technique transposes the signal to a higher frequency where there is no 1/f noise, and
demodulate it back after amplification.
1.
According to Figure 49. Block diagram in the frequency domain, the input signal Vin is modulated once
(Chop1) so all the input signal is transposed to the high frequency domain.
2.
The amplifier adds its own error (Vio (output offset voltage) + the noise Vn (1/f noise)) to this modulated
signal.
3.
This signal is then demodulated (Chop2), but since the noise and the offset are modulated only once, they
are transposed to the high frequency, leaving the output signal of the amplifier without any offset and low
frequency noise. Consequently, the input signal is amplified with a very low offset and 1/f noise.
4.
To get rid of the high frequency part of the output signal (which is useless) a low pass filter is implemented.
To further suppress the remaining ripple down to a desired level, another low pass filter may be added externally
on the output of the TSZ18x.
5.2
Operating voltages
The TSZ18x device can operate from 2.2 to 5.5 V. The parameters are fully specified for 2.2 V, 3.3 V, and 5 V
power supplies. However, the parameters are very stable in the full VCC range and several characterization
curves show the TSZ18x device characteristics at 2.2 V and 5.5 V. Additionally, the main specifications are
guaranteed in extended temperature ranges from -40 to 125 °C.
5.3
Input pin voltage ranges
The TSZ18x device has internal ESD diode protection on the inputs. These diodes are connected between the
input and each supply rail to protect the input MOSFETs from electrical discharge.
TSZ181, TSZ182
Operating voltages
DS11863 - Rev 5
page 18/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com