Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ181 Datasheet(PDF) 40 Page - STMicroelectronics

Part # TSZ181
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V operational amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ181 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button TSZ181 Datasheet HTML 35Page - STMicroelectronics TSZ181 Datasheet HTML 36Page - STMicroelectronics TSZ181 Datasheet HTML 37Page - STMicroelectronics TSZ181 Datasheet HTML 38Page - STMicroelectronics TSZ181 Datasheet HTML 39Page - STMicroelectronics TSZ181 Datasheet HTML 40Page - STMicroelectronics TSZ181 Datasheet HTML 41Page - STMicroelectronics TSZ181 Datasheet HTML 42Page - STMicroelectronics TSZ181 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
List of tables
Table 1.
Absolute maximum ratings (AMR) ........................................................ 3
Table 2.
Operating conditions ................................................................. 3
Table 3.
Electrical characteristics at V CC+ = 2.2 V with V CC- = 0 V, Vicm = V CC/2, T = 25 °C, and RL = 10 kΩ connected to V
CC/2 (unless otherwise specified) ......................................................... 4
Table 4.
Electrical characteristics at VCC+ = 3.3 V with VCC- = 0 V, Vicm = VCC/2, T = 25 °C, and RL = 10 kΩ connected to
VCC/2 (unless otherwise specified) ........................................................ 5
Table 5.
Electrical characteristics at VCC+ = 5 V with VCC- = 0 V, Vicm = VCC/2, T = 25 °C, and RL = 10 kΩ connected to
VCC/2 (unless otherwise specified) ........................................................ 6
Table 6.
Riso impact on stability ............................................................... 21
Table 7.
DFN6 1.2 x 1.3 mechanical data ........................................................ 30
Table 8.
DFN8 2 x 2 mechanical data ........................................................... 31
Table 9.
MiniSO8 package mechanical data ...................................................... 32
Table 10.
SO-8 mechanical data ............................................................... 33
Table 11.
SOT23-5 mechanical data............................................................. 34
Table 12.
Order code ....................................................................... 36
Table 13.
Document revision history ............................................................. 37
TSZ181, TSZ182
List of tables
DS11863 - Rev 5
page 40/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com