Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TSZ182
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V operational amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TSZ182 Datasheet HTML 17Page - STMicroelectronics TSZ182 Datasheet HTML 18Page - STMicroelectronics TSZ182 Datasheet HTML 19Page - STMicroelectronics TSZ182 Datasheet HTML 20Page - STMicroelectronics TSZ182 Datasheet HTML 21Page - STMicroelectronics TSZ182 Datasheet HTML 22Page - STMicroelectronics TSZ182 Datasheet HTML 23Page - STMicroelectronics TSZ182 Datasheet HTML 24Page - STMicroelectronics TSZ182 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
Figure 54. Test configuration for Riso
Cload
VIN
+
-
+VCC
Riso
10 kΩ
-VCC
VOUT
Note that the resistance Riso is in series with Rload and thus acts as a voltage divider, and reduces the output
swing a little. Thanks to the natural good stability of TSZ18x, the Riso needed to keep the system stable when the
capacitive load exceeds 200pF is lower than 50 Ω (VCC = 5 V), and so the error introduced is generally negligible.
The Riso also modifies the open loop gain of the circuit, and tends to improve the phase margin as described in
Table 6. Riso impact on stability.
Table 6. Riso impact on stability
Capacitive load
100 pF
1 nF
10 nF
100 nF
1 µF
Riso (Ω)
0
100
47
100
22
47
8
13
10
6
Measured overshoot (%)
20.9
15
23
9
16
8
21
10
12
8
Estimated phase margin (°)
47
53
46
59
52
61
47
58
56
61
5.7
PCB layout recommendations
Particular attention must be paid to the layout of the PCB tracks connected to the amplifier, load and power
supply. It is good practice to use short and wide PCB traces to minimize voltage drops and parasitic inductance.
To minimize parasitic impedance over the entire surface, a multi-via technique that connects the bottom and top
layer ground planes together in many locations is often used.
The copper traces that connect the output pins to the load and supply pins should be as wide as possible to
minimize trace resistance.
A ground plane generally helps to reduce EMI, which is why it is generally recommended to use a multilayer PCB
and use the ground plane as a shield to protect the internal track. In this case, pay attention to separate the digital
from the analog ground and avoid any ground loop.
Place external components as close as possible to the op amp and keep the gain resistances, Rf and Rg, close to
the inverting pin to minimize parasitic capacitances.
5.8
Optimized application recommendation
The TSZ18x is based on a chopper architecture. As the device includes internal switching circuitry, it is strongly
recommended to place a 0.1 µF capacitor as close as possible to the supply pins.
A good decoupling has several advantages for an application. First, it helps to reduce electromagnetic
interference. Due to the modulation of the chopper, the decoupling capacitance also helps to reject the small
ripple that may appear on the output.
The TSZ18x has been optimized for use with 10 kΩ in the feedback loop. With this, or a higher value resistance,
this device offers the best performance.
TSZ181, TSZ182
PCB layout recommendations
DS11863 - Rev 5
page 21/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com