Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TSZ182
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V operational amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TSZ182 Datasheet HTML 21Page - STMicroelectronics TSZ182 Datasheet HTML 22Page - STMicroelectronics TSZ182 Datasheet HTML 23Page - STMicroelectronics TSZ182 Datasheet HTML 24Page - STMicroelectronics TSZ182 Datasheet HTML 25Page - STMicroelectronics TSZ182 Datasheet HTML 26Page - STMicroelectronics TSZ182 Datasheet HTML 27Page - STMicroelectronics TSZ182 Datasheet HTML 28Page - STMicroelectronics TSZ182 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
Certain gases absorb IR radiation at a specific wavelength. Each channel has a specific wavelength filter. The
active channel has a filter centered on gas absorption while the reference channel has a filter on another
wavelength which is still in the IR range.
When a gas enters the optical cavity, the radiation hitting the active channel decreases, whereas it remains the
same on the reference channel.
The difference between the reference and active channel gives the concentration of gas present in the optical
cavity.
As the thermopile delivers extremely low voltages (hundreds of µV to several mV) the output signal must be
amplified with a high gain and a very low offset in order to minimize DC errors.
Moreover, the drift of Vio depending on temperature must be as low as possible not to impact the measurement
once the calibration has been made.
An NDIR sensor generally works at low frequency and the noise of the amplifiers must be as low as possible
(0.1-10 Hz en-pp = 0.4 µVpp).
Thanks to its chopper architecture, the TSZ18x combines all these specifications, particularly in having a ΔVio/Δt
of 0.1 µV/°C, no 1/f noise in low frequency, and a white noise of 37 nV/√Hz.
Figure 62. Principle schematic shows an NDIR gas sensing schematic where the active and reference channels
are pre-amplified before treatment by an ADC thanks to the TSZ18x.
A Vref voltage (in hundreds of mV) can be used to ensure the amplifiers are not saturated when the signal is close
to the low rail. A gain of 1000 is used to allow amplification of the signal coming from the NDIR sensor (3 mV).
Figure 62. Principle schematic
VL
Ref.ch
Act. ch
Vref
10 Ω
10 nF
10 nF
ADC2
ADC1
ADC3
10 Ω
100 nF
100 nF
10 kΩ
10 kΩ
Vcc
+
-
TSZ182_a
TSZ182_b
+
-
5.14.2
Precision instrumentation amplifier
The instrumentation amplifier uses three op amps. The circuit, shown in Figure 63. Precision instrumentation
amplifier schematic, exhibits high input impedance, so that the source impedance of the connected sensor has no
impact on the amplification.
TSZ181, TSZ182
Application examples
DS11863 - Rev 5
page 25/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com