Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TSZ182
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V operational amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TSZ182 Datasheet HTML 20Page - STMicroelectronics TSZ182 Datasheet HTML 21Page - STMicroelectronics TSZ182 Datasheet HTML 22Page - STMicroelectronics TSZ182 Datasheet HTML 23Page - STMicroelectronics TSZ182 Datasheet HTML 24Page - STMicroelectronics TSZ182 Datasheet HTML 25Page - STMicroelectronics TSZ182 Datasheet HTML 26Page - STMicroelectronics TSZ182 Datasheet HTML 27Page - STMicroelectronics TSZ182 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
Figure 60. No phase reversal
5.13
Open loop gain close to the rail
One of the key parameters of current measurement in low-side applications is precision. Moreover, it is generally
interesting to be able to make a measurement when there is no current through the shunt resistance. But, when
the output voltage gets close the rail some internal transistors saturate resulting in a loss of open loop gain.
Therefore, the output voltage can be as high as several mV while it is expected to be close to 0 V.
The TSZ18x has been designed to keep a high gain even when the op amp output is very close to the rail, to
ensure good accuracy at low current.
Figure 61. Gain vs. output voltage, VCC = 5 V, RI = 10 kΩ to GND shows the open loop gain of the TSZ18x vs.
output voltage. A single power supply of 5 V and a common-mode voltage of 0 V is used, with a 10 kΩ resistor
connected to GND.
Figure 61. Gain vs. output voltage, VCC = 5 V, RI = 10 kΩ to GND
5.14
Application examples
5.14.1
Measuring gas concentration using the NDIR principle (thermopile)
A thermopile is a serial interconnected array of thermocouples. Based on the Seebeck principle, a thermocouple
is able to deliver an output voltage which depends on the temperature difference between a reference junction
and an active junction.
An NDIR sensor (non dispersive infrared) is generally composed of an infrared (IR) source, an optical cavity, a
dual channel detector, and an internal thermistor. Both channels are made with a thermopile. One channel is
considered as a reference and the other is considered as the active channel.
TSZ181, TSZ182
Open loop gain close to the rail
DS11863 - Rev 5
page 24/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com