Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TSZ182
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V operational amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TSZ182 Datasheet HTML 19Page - STMicroelectronics TSZ182 Datasheet HTML 20Page - STMicroelectronics TSZ182 Datasheet HTML 21Page - STMicroelectronics TSZ182 Datasheet HTML 22Page - STMicroelectronics TSZ182 Datasheet HTML 23Page - STMicroelectronics TSZ182 Datasheet HTML 24Page - STMicroelectronics TSZ182 Datasheet HTML 25Page - STMicroelectronics TSZ182 Datasheet HTML 26Page - STMicroelectronics TSZ182 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
Figure 57. Noise vs frequency between 0.1 and 10 Hz exhibiting no 1/f noise
5.11
Overload recovery
Overload recovery is defined as the time required for the op amp output to recover from a saturated state to a
linear state.
The saturation state occurs when the output voltage gets very close to either rail in the application. It can happen
due to an excessive input voltage or when the gain setting is too high.
When the output of the TSZ18x enters in saturation state it needs 10 µs to get back to a linear state as shown in
Figure 58. Negative overvoltage recovery VCC = 5 V and Figure 59. Positive overvoltage recovery VCC = 5 V.
Figure 36. Negative overvoltage recovery VCC = 2.2 V and Figure 37. Positive overvoltage recovery VCC = 2.2 V
show the overvoltage recovery for a VCC = 2.2 V.
Figure 58. Negative overvoltage recovery VCC = 5 V
Figure 59. Positive overvoltage recovery VCC = 5 V
5.12
Phase reversal protection
Some op amps can show a phase reversal when the common-mode voltage exceeds the VCC range.
Phase reversal is a specific behavior of an op amp where its output reacts as if the inputs were inverted when at
least one input is out of the specified common-mode voltage.
The TSZ18x has been carefully designed to prevent any output phase reversal. The TSZ18x is a rail-to-rail input
op amp, therefore, the common-mode range can extend up to the rails. If the input signal goes above the rail it
does not cause any inversion of the output signal as shown in Figure 60. No phase reversal.
If, in the application, the operating common-mode voltage is exceeded please read Section 5.3 Input pin voltage
ranges.
TSZ181, TSZ182
Overload recovery
DS11863 - Rev 5
page 23/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com