Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0453CEVB Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # F0453CEVB
Description  Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0453CEVB Datasheet(HTML) 5 Page - Renesas Technology Corp

  F0453CEVB Datasheet HTML 1Page - Renesas Technology Corp F0453CEVB Datasheet HTML 2Page - Renesas Technology Corp F0453CEVB Datasheet HTML 3Page - Renesas Technology Corp F0453CEVB Datasheet HTML 4Page - Renesas Technology Corp F0453CEVB Datasheet HTML 5Page - Renesas Technology Corp F0453CEVB Datasheet HTML 6Page - Renesas Technology Corp F0453CEVB Datasheet HTML 7Page - Renesas Technology Corp F0453CEVB Datasheet HTML 8Page - Renesas Technology Corp F0453CEVB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
F0453C Datasheet
© 2020 Renesas Electronics Corporation
5
May 1, 2020
Pin Descriptions
Table 1.
Pin Descriptions
Number
Name
Description
1
ATT1_CTRL 1-bit 6dB gain control for path 1. (Low/open = no attenuation; High = 6dB attenuation). A 500kΩ pull-down
resistor is connected between this input and GND.
2
STBY1
Standby (Low/open = path 1 power ON; High = path 1 power OFF). A 500kΩ pull-down resistor is connected
between this input and GND.
3
SW1_CTRL
RF SWITCH 1 control (Low/open = select main RX PATH 1; High = termination). SW1_CTRL also puts path 1
into Standby Mode for minimum current consumption. A 500kΩ pull-down resistor is connected between this
input and GND.
4, 5, 9, 11,
13, 15, 17,
19, 22, 24,
26, 28, 30, 32
GND
Ground these pins.
12, 14, 27, 29
VDD
Power supply. Bypass to GND with capacitors shown in the F0453C Application Circuit as close as possible to
pin.
6
SW2_CTRL
RF SWITCH 2 control (Low/open = select main RX PATH 2; High = termination). SW2_CTRL also puts path 2
into Standby Mode for minimum current consumption. A 500kΩ pull-down resistor is connected between this
input and GND.
7
STBY2
Standby (Low/open = path 2 power ON; High = path 2 power OFF). A 500kΩ pull-down resistor is connected
between this input and GND.
8
ATT2_CTRL 1-bit 6dB gain control for path 2. (Low/open = no attenuation; High = 6dB attenuation). A 500kΩ pull-down
resistor connects between this input and GND.
10
RX2_OUT
RF output path 2 matched to 50Ω. Use external DC block as close to the pin as possible.
16
SW2_OUT
RF2 switch output matched to 50Ω. Use external 50Ω terminating resistor with proper power rating as required
for the application.
18
SW2_IN
RF2 switch input matched to 50Ω. Use external DC block as close to the pin as possible.
23
SW1_IN
RF1 switch input matched to 50Ω. Use external DC block as close to the pin as possible.
25
SW1_OUT
RF1 switch output matched to 50Ω. Use external 50Ω terminating resistor with proper power rating as required
for the application.
31
RX1_OUT
RF output path 1 matched to 50Ω. Use external DC block as close to the pin as possible.
20, 21
NC
These pins can be left unconnected, or be connected to ground (recommended). Use a via as close to the pin
as possible if grounded.
— EPAD
Exposed Pad. Internally connected to GND. Solder this exposed pad to a PCB pad that uses multiple ground
vias to provide heat transfer out of the device into the PCB ground planes. These multiple via grounds are also
required to achieve the noted RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com