Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0453CEVB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F0453CEVB
Description  Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0453CEVB Datasheet(HTML) 1 Page - Renesas Technology Corp

  F0453CEVB Datasheet HTML 1Page - Renesas Technology Corp F0453CEVB Datasheet HTML 2Page - Renesas Technology Corp F0453CEVB Datasheet HTML 3Page - Renesas Technology Corp F0453CEVB Datasheet HTML 4Page - Renesas Technology Corp F0453CEVB Datasheet HTML 5Page - Renesas Technology Corp F0453CEVB Datasheet HTML 6Page - Renesas Technology Corp F0453CEVB Datasheet HTML 7Page - Renesas Technology Corp F0453CEVB Datasheet HTML 8Page - Renesas Technology Corp F0453CEVB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Dual Path RF Switch with LNA
and DVGA 3300MHz to 4000MHz
F0453C
Datasheet
© 2020 Renesas Electronics Corporation
1
May 1, 2020
Description
The F0453C is an integrated dual-path RF front-end consisting of
an RF switch and two gain stages with 6dB gain control used in
the analog front-end receiver of an Active Antenna System (AAS).
The F0453C supports frequencies from 3300MHz to 4000MHz.
The F0453C provides 35dB gain with +23dBm OIP3, +15dBm
output P1dB, and 1.35dB noise figure at 3500MHz. Gain is
reduced 6dB in a single step with a maximum gain settling time of
31ns. The device uses a single 3.3V supply and 130mA of IDD.
The F0453C is offered in a 6 × 6 × 0.75 mm, 32-LGA package
with 50Ω input and output amplifier impedances for ease of
integration into the signal path.
Competitive Advantage
High integration
Low noise and high linearity
On-chip matching and bias
Extremely low current consumption
Typical Applications
Multi-mode, Multi-carrier receivers
AAS Rx Front-End
4.5G (LTE Advanced)
5G NR band n48, n77, and n78
Features
Gain at 3500MHz
•
35dB typical in High Gain Mode
•
29dB typical in Low Gain Mode
1.35dB NF at 3500MHz
+23dBm OIP3 at 3500MHz
OP1dB at 3500MHz
•
+15dBm in High Gain Mode
•
+14dBm in Low Gain Mode
50Ω single-ended input / output amplifier impedances
IDD = 130mA
Independent Standby Mode for power savings
Supply voltage: +3.15V to +3.45V
6 × 6 mm, 32-pin LGA package
-40°C to +105°C exposed pad operating temperature range
Block Diagram
SW1_CTRL
ATT1_CTRL
STBY1
STBY2
SW2_CTRL
ATT2_CTRL
SW1_IN
SW2_IN


Similar Part No. - F0453CEVB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F0453B IDT-F0453B Datasheet
2Mb / 35P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
logo
Renesas Technology Corp
F0453B RENESAS-F0453B Datasheet
2Mb / 33P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
July 13, 2021
logo
Integrated Device Techn...
F0453BEVBK IDT-F0453BEVBK Datasheet
2Mb / 35P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
logo
Renesas Technology Corp
F0453BEVBK RENESAS-F0453BEVBK Datasheet
2Mb / 33P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
July 13, 2021
logo
Integrated Device Techn...
F0453BLEGK IDT-F0453BLEGK Datasheet
2Mb / 35P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
More results

Similar Description - F0453CEVB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F0440 RENESAS-F0440 Datasheet
2Mb / 31P
Dual Matched Broadband RF DVGA 450MHz to 2700MHz
F0443 RENESAS-F0443 Datasheet
6Mb / 65P
Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
F0448 RENESAS-F0448 Datasheet
3Mb / 35P
Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
F0452B RENESAS-F0452B Datasheet
3Mb / 29P
Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0452C RENESAS-F0452C Datasheet
1Mb / 24P
Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
logo
Integrated Device Techn...
F0453B IDT-F0453B Datasheet
2Mb / 35P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
logo
Renesas Technology Corp
F0472 RENESAS-F0472 Datasheet
125Kb / 3P
Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
logo
Analog Devices
AD9375 AD-AD9375 Datasheet
852Kb / 61P
Integrated, Dual RF Transceiver with Observation Path
3/2017-Revision 0
logo
Renesas Technology Corp
F0440 RENESAS-F0440_V01 Datasheet
3Mb / 29P
Dual Matched Broadband RF DVGA 400MHz to 2700MHz
November 4, 2021
F0453B RENESAS-F0453B Datasheet
2Mb / 33P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
July 13, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com