Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0453CEVB Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # F0453CEVB
Description  Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0453CEVB Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button F0453CEVB Datasheet HTML 21Page - Renesas Technology Corp F0453CEVB Datasheet HTML 22Page - Renesas Technology Corp F0453CEVB Datasheet HTML 23Page - Renesas Technology Corp F0453CEVB Datasheet HTML 24Page - Renesas Technology Corp F0453CEVB Datasheet HTML 25Page - Renesas Technology Corp F0453CEVB Datasheet HTML 26Page - Renesas Technology Corp F0453CEVB Datasheet HTML 27Page - Renesas Technology Corp F0453CEVB Datasheet HTML 28Page - Renesas Technology Corp F0453CEVB Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
F0453C Datasheet
© 2020 Renesas Electronics Corporation
25
May 1, 2020
Table 16. Bill of Materials (BOM)
Part Reference
Qty
Description
Manufacturer Part #
Manufacturer
C2,C3,C4,C5
DNI
100pF ±5%, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1H101J
MURATA
C7,C9,C11,C13
DNI
10nF ±5%, 50V, X7R Ceramic Capacitor (0402)
GRM155R71H103J
MURATA
C8,C10,C12,C14
4
1µF ±10% 10V Ceramic Capacitor X5R 0402
GRM155R61A105KE15D
MURATA
C17,C18,C19,C20
4
8pF ±0.1pF 50V Ceramic Capacitor C0G,NP0 (0402)
GJM1555C1H8R0B
MURATA
C15
1
10nF ±5%, 50V, X7R Ceramic Capacitor (0603)
GRM188R71H103K
MURATA
R1,R2,R3,R4,R5,R6
6
0Ω Resistors (0402)
ERJ-2GE0R00X
PANASONIC
R7
1
1kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1001X
PANASONIC
R8
1
1.3kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1301X
PANASONIC
J1,J2,J3,J4,J5,J6,
J10,J11
8
SMA Edge Mount
142-0761-881
Cinch
Connectivity
J12
1
CONN HEADER VERT 2X5 POS GOLD
10-89-7100
3M
J9
1
Edge Launch SMA(0.375 inch pitch ground, tab) (50Ohm)
142-0701-851
Emerson
Johnson
SW1
1
8-pin DIP Switch (3 POS)
KAT1108E
IDE-Switch
U1
1
Dual Path RF +LNA+DVGA 5x5 QFN
F0452C/F0453C LEG32K
Renesas
PCB
1
Printed Circuit Board
F0452C/F0453C Stripline Rev. B
TEST POINT
DNI
BLACK/GND TP1
5001
Keystone
Electronics
TEST POINT
DNI
RED/VCC TP2
5000
Keystone
Electronics
C1,C6,C16
3
DNI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com