Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0453CEVB Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # F0453CEVB
Description  Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0453CEVB Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button F0453CEVB Datasheet HTML 22Page - Renesas Technology Corp F0453CEVB Datasheet HTML 23Page - Renesas Technology Corp F0453CEVB Datasheet HTML 24Page - Renesas Technology Corp F0453CEVB Datasheet HTML 25Page - Renesas Technology Corp F0453CEVB Datasheet HTML 26Page - Renesas Technology Corp F0453CEVB Datasheet HTML 27Page - Renesas Technology Corp F0453CEVB Datasheet HTML 28Page - Renesas Technology Corp F0453CEVB Datasheet HTML 29Page - Renesas Technology Corp F0453CEVB Datasheet HTML 30Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
F0453C Datasheet
© 2020 Renesas Electronics Corporation
27
May 1, 2020
Marking Diagram
IDTF04
53CLEGK
#YYWW$
LOT
Lines 1 and 2 indicate the part number
Line 3 indicates the following:
•
“#” denotes stepping
•
“YY” is the last two digits of the year; “WW” is the work week number when the part
was assembled.
•
“$” denotes the mark code.
Line 4 is the lot number
Package Outline Drawings
The package outline drawings are appended at the end of this document and are accessible from the link below. The package information is
the most current data available.
www.idt.com/document/psc/32-fclga-package-outline-drawing-600-x-600-x-075-mm-body-460-x-460-mm-epad-05mm-pitch-lfg32p1
Ordering Information
Orderable Part Number
Package
MSL Rating
Shipping Packaging
Temperature
F0453CLFGK
6 × 6 × 0.75 mm 32-pin LGA
MSL3
Tray
-40° to +105°C
F0453CLFGK8
6 × 6 × 0.75 mm 32-pin LGA
MSL3
Reel
-40° to +105°C
F0453CEVB
Evaluation Board
Revision History
Revision Date
Description of Change
May 1, 2020
Added Application Information section.
February 26, 2020
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com