Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2934 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F2934
Description  High Reliability SP2T RF Switch 50MHz to 6000MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2934 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F2934 Datasheet HTML 1Page - Renesas Technology Corp F2934 Datasheet HTML 2Page - Renesas Technology Corp F2934 Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High Reliability SP2T RF
Switch 50MHz to 6000MHz
F2934
Short-Form Datasheet
© 2020 Renesas Electronics Corporation
1
May 11, 2020
Description
The F2934 is a high reliability, low insertion loss, 50Ω SP2T
absorptive RF switch designed for a multitude of wireless and other
RF applications. The device covers a broad frequency range from
50MHz to 6000MHz. In addition to providing low insertion loss, the
F2934 delivers high linearity and high isolation performance while
providing a 50Ω termination to the unused RF input port.
The F2934 uses a single positive supply voltage of 2.75V to 5.25V
supporting three states using either 3.3V or 1.8V control logic.
Typical Applications
Base station 2G, 3G, 4G, 5G
Portable wireless
Repeaters and E911 systems
Digital pre-distortion
Point-to-point infrastructure
Public safety infrastructure
WIMAX receivers and transmitters
Military systems and JTRS radios
RFID handheld and portable readers
Test / ATE equipment
Features
High isolation: Greater than 67dB
Wide single 2.75V to 5.25V supply voltage range
3.3V and 1.8V compatible control logic
Operating temperature -40°C to +105°C
3
 3 mm 16-VFQFPN package
Block Diagram
Control
Circuit
VDD
EN
VCTL
RFC
RF1
RF2
50
Ω
50
Ω
K|Z|


Similar Part No. - F2934

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2934 RENESAS-F2934 Datasheet
1Mb / 21P
High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
F2934 RENESAS-F2934 Datasheet
1Mb / 21P
High Reliability SP2T RF Switch 50MHz to 6000MHz
Feb 3, 2023
F2934NTGI8 RENESAS-F2934NTGI8 Datasheet
1Mb / 21P
High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
F2934NTGI8 RENESAS-F2934NTGI8 Datasheet
1Mb / 21P
High Reliability SP2T RF Switch 50MHz to 6000MHz
Feb 3, 2023
F2934 RENESAS-F2934_V01 Datasheet
1Mb / 21P
High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
More results

Similar Description - F2934

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2933 IDT-F2933 Datasheet
2Mb / 19P
High Reliability SP2T RF Switch
F2932 IDT-F2932 Datasheet
2Mb / 20P
High Reliability SP2T RF Switch
F2912 IDT-F2912 Datasheet
2Mb / 23P
High Reliability SP2T RF Switch
logo
Renesas Technology Corp
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
F2914 RENESAS-F2914 Datasheet
787Kb / 22P
High Reliability SP4T RF Switch, 50MHz to 8000MHz
F2915 RENESAS-F2915 Datasheet
757Kb / 19P
High Reliability SP5T RF Switch 50MHz to 8000MHz
F2955 RENESAS-F2955 Datasheet
1Mb / 22P
High Reliability SP5T RF Switch 50MHz to 8000MHz
F2912 RENESAS-F2912_V01 Datasheet
2Mb / 25P
High Reliability SP2T RF Switch
Sep 20, 2021
F2934 RENESAS-F2934_V01 Datasheet
1Mb / 21P
High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
ISL71934M RENESAS-ISL71934M Datasheet
2Mb / 17P
Radiation Tolerant SP2T RF Switch, 50MHz to 6000MHz
Feb 24, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com