Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2971 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F2971
Description  75廓 SP2T RF Switch 5MHz to 3000MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2971 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F2971 Datasheet HTML 1Page - Renesas Technology Corp F2971 Datasheet HTML 2Page - Renesas Technology Corp F2971 Datasheet HTML 3Page - Renesas Technology Corp F2971 Datasheet HTML 4Page - Renesas Technology Corp F2971 Datasheet HTML 5Page - Renesas Technology Corp F2971 Datasheet HTML 6Page - Renesas Technology Corp F2971 Datasheet HTML 7Page - Renesas Technology Corp F2971 Datasheet HTML 8Page - Renesas Technology Corp F2971 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
75Ω SP2T RF Switch
5MHz to 3000MHz
F2971
Datasheet
1
Rev O, April 24, 2018
Description
The F2971 is a high reliability, low insertion loss, 75Ω absorptive
SP2T RF switch designed for a multitude of cable systems and RF
applications. This device covers a broad frequency range from
5MHz to 3000MHz. In addition to providing low insertion loss, the
F2971 also delivers excellent linearity and isolation performance
while providing a 75Ω termination for the unselected port.
The F2971 uses a single positive supply voltage and supports 3.3V
logic.
Competitive Advantage
The F2971 provides broadband RF performance to support the
CATV market along with high power handling and high isolation.
Low insertion loss
High isolation
Excellent linearity
Extended temperature: -40°C to +105°C
Typical Applications
CATV/Broadband applications
Headend
Fiber/HFC distribution nodes
Distribution amplifiers
Switch matrix
DTV tuner input select
DVR/PVR/Set-top box
CATV test equipment
Features
Low insertion loss: 0.31dB at 1200MHz
High Isolation: 71dB at 1200MHz (RF1/RF2 to RFC)
High IIP3: 67dBm at 5MHz
Operating Temperature: -40°C to +105°C
4mm x 4mm, 20-pin LQFN package
Block Diagram
Figure 1. Block Diagram
RF2
RF1
RFC
C1
75
Ω
75
Ω
C2
75
Ω


Similar Part No. - F2971

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
F2970 UTC-F2970 Datasheet
169Kb / 6P
FOR FAN MOTOR SINGLE-PHASE FULL-WAVE DRIVER
logo
Integrated Device Techn...
F2970 IDT-F2970 Datasheet
2Mb / 20P
75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
logo
Renesas Technology Corp
F2970 RENESAS-F2970 Datasheet
3Mb / 21P
75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
logo
Integrated Device Techn...
F2970EVBI IDT-F2970EVBI Datasheet
2Mb / 20P
75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
logo
Renesas Technology Corp
F2970EVBI RENESAS-F2970EVBI Datasheet
3Mb / 21P
75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
More results

Similar Description - F2971

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA3043 RFMD-RFSA3043 Datasheet
3Mb / 18P
75廓 Voltage Controlled Attenuator 5MHz to 3000MHz
logo
Integrated Device Techn...
F2970 IDT-F2970 Datasheet
2Mb / 20P
75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
logo
TriQuint Semiconductor
QPC6742 TRIQUINT-QPC6742 Datasheet
1Mb / 14P
75(ohm) SP4T Switch 5MHz to 2000MHz
QPC6762 TRIQUINT-QPC6762 Datasheet
1Mb / 14P
75(ohm) SP6T Switch 5MHz to 2000MHz
logo
Integrated Device Techn...
F2270 IDT-F2270 Datasheet
4Mb / 28P
75(ohm) Voltage Variable Attenuator 5MHz to 3000MHz
logo
Mini-Circuits
HSWA2-63DR MINI-HSWA2-63DR Datasheet
312Kb / 5P
SP2T RF Switch
logo
Renesas Technology Corp
F2270 RENESAS-F2270 Datasheet
4Mb / 30P
75廓 Voltage Variable Attenuator 5MHz to 3000MHz
F2911 RENESAS-F2911 Datasheet
1Mb / 19P
75廓 SPST RF Switch 1MHz to 3500MHz
F2970 RENESAS-F2970 Datasheet
3Mb / 21P
75 Ohm SP2T RF Switch 5 MHz to 3000 MHz
F2976 RENESAS-F2976 Datasheet
4Mb / 25P
High Linearity Broadband SP2T 5MHz to 10GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com